Electronic Components Datasheet Search
  English  ▼

X  

EM4223 Datasheet(PDF) 28 Page - EM Microelectronic - MARIN SA

Part # EM4223
Description  Read-only UHF Radio Frequency Identification Device
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4223 Datasheet(HTML) 28 Page - EM Microelectronic - MARIN SA

Back Button EM4223 Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM4223 Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM4223 Datasheet HTML 23Page - EM Microelectronic - MARIN SA EM4223 Datasheet HTML 24Page - EM Microelectronic - MARIN SA EM4223 Datasheet HTML 25Page - EM Microelectronic - MARIN SA EM4223 Datasheet HTML 26Page - EM Microelectronic - MARIN SA EM4223 Datasheet HTML 27Page - EM Microelectronic - MARIN SA EM4223 Datasheet HTML 28Page - EM Microelectronic - MARIN SA EM4223 Datasheet HTML 29Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
R
EM4223
Copyright
© 2005, EM Microelectronic-Marin SA
28
www.emmicroelectronic.com
Pad Location Diagram
Fig. 20
Chip size is X= 1012 by Y= 830 microns
Note: The origin (0,0) is the lower felt coordinate of center pads
The lower left corner of the chip shows distances of origin
Pin #
Name
Position x
Position y
1
A+
200
120
2
VSS
700
120
3
VDD
450
550
Table 21 - Connection Pad Positioning
Position is given in μm from the Seal Ring.
SOT 23 package outline
NOTES:
D&E do not include mold flash
Mold flash or protrusions not to
exceed .15mm (.006")
Controlling dimension: millimeter
A1
A
e
D
C
L
α
E
B
S
H
Dim
Min [mm]
Max [mm]
A
0.787
1.194
A1
0.025
0.127
B
0.356
0.559
C
0.086
0.152
D
2.667
3.048
E
1.194
1.398
e
1.778
2.032
H
2.083
2.489
L
0.102
0.305
S
0.432
0.559
α
0°
8°
Fig. 21
A
EM4223
X= 0, Y= 0
V SS
X=735, Y= 0
all dimensions in Microns
X = - 142
Y = - 159



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com