Electronic Components Datasheet Search
  English  ▼

X  

74F647 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74F647
Description  Octal transceiver/register, non-inverting open-collector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F647 Datasheet(HTML) 4 Page - NXP Semiconductors

  74F647 Datasheet HTML 1Page - NXP Semiconductors 74F647 Datasheet HTML 2Page - NXP Semiconductors 74F647 Datasheet HTML 3Page - NXP Semiconductors 74F647 Datasheet HTML 4Page - NXP Semiconductors 74F647 Datasheet HTML 5Page - NXP Semiconductors 74F647 Datasheet HTML 6Page - NXP Semiconductors 74F647 Datasheet HTML 7Page - NXP Semiconductors 74F647 Datasheet HTML 8Page - NXP Semiconductors 74F647 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors
Product specification
74F647/74F649
Octal transceivers/registers (open-collector)
1992 Feb 28
4
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F(U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
A0 - A7
A inputs
1.0/0.033
20
µA/20µA
B0 - B7
B inputs
1.0/0.033
20
µA/20µA
CPAB
A-to-B clock input
1.0/0.033
20
µA/20µA
CPBA
B-to-A clock input
1.0/0.033
20
µA/20µA
SAB
A-to-B select input
1.0/0.033
20
µA/20µA
SBA
B-to-A select input
1.0/0.033
20
µA/20µA
DIR
Data flow Directional control enable input
1.0/0.066
20
µA/20µA
OE
Output Enable input
1.0/0.066
20
µA/20µA
A0 - A7
A outputs
OC/106.7
OC/64mA
B0 - B7
B outputs
OC/106.7
OC/64mA
NOTE:
One (1.0) FAST Unit Load is defined as: 20
µA in the High state and 0.6mA in the Low state. OC = Open Collector
FUNCTION TABLE
INPUTS
DATA I/O
OPERATING MODE
OE
DIR
CPAB
CPBA
SAB
SBA
A0-A7
B0-B7
X
X
↑
X
X
X
Input
Unspecified*
Store A, B unspecified*
Store A, B unspecified*
X
X
X
↑
X
X
Unspecified*
Input
Store B, A unspecified*
Store B, A unspecified*
H
H
X
X
↑
H or L
↑
H or L
X
X
X
X
Input
Input
Store A and B data
Isolation, hold storage
Store A and B data
Isolation, hold storage
L
L
L
L
X
X
X
H or L
X
X
L
H
Output
Input
Real time B data to A bus
Stored B data to A bus
Real time B data to A bus
Stored B data to A bus
L
L
H
H
H or L
X
X
X
L
H
X
X
Input
Output
Real time A data to B bus
Stored A data to B bus
Real time A data to B bus
Stored A data to B bus
H = High voltage level
L
= Low voltage level
X = Don’t care
↑ = Low-to-High clock transition
*
= The data output function may be enabled or disabled by various signals at the OE and DIR inputs. Data input functions are always
enabled, i.e., data at the bus pins will be stored on every Low-to-High transition of the clock.
LOGIC DIAGRAM – 74F647
C1
1 of 8 Channels
1D
C1
1D
21
3
23
22
1
2
OE
DIR
CPBA
SBA
CPAB
SAB
To 7 other channels
A0
B0
4
20
SF01202
LOGIC DIAGRAM – 74F649
C1
1 of 8 Channels
1D
C1
1D
21
3
23
22
1
2
OE
DIR
CPBA
SBA
CPAB
SAB
To 7 other channels
A0
B0
4
20
SF01203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com