Electronic Components Datasheet Search
  English  ▼

X  

NLP150L Datasheet(PDF) 1 Page - Artesyn Technologies

Part # NLP150L
Description  LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NLP150L Datasheet(HTML) 1 Page - Artesyn Technologies

  NLP150L Datasheet HTML 1Page - Artesyn Technologies NLP150L Datasheet HTML 2Page - Artesyn Technologies NLP150L Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
110-150W AC/DC Universal Input Switch Mode Power Supplies
1
2 YEAR WARRANTY
NLP150L Series
Single and triple outputs
90VAC to 264VAC universal input range
Provides low voltage outputs of 3.3V
EN61000-3-2 compliant
Overvoltage and short circuit protection
Power fail detection
Current sharing (on VA and VB)
3.8 x 6.8 x 1.26 inches
UL, CSA and VDE safety approvals and CE-marked to LVD
Compliance to EN55022-B conducted noise standard
Compliance to EN55022-A radiated noise standard
Meets all applicable and relevant immunity standards
EN61000-4-2, -3, -4, -5 and -6
The NLP150L series of 150 Watt AC/DC open frame power supplies are available with
single, triple or quad outputs. The single and triple output versions described in this
datasheet are housed in a 3.8 x 6.8 x 1.26 inch package. All NLP150L series power
supplies are harmonic current corrected to meet the EN61000-3-2 standard, and support
current sharing. The power supplies are designed for use in 1U shelves or boxes, and are
primarily intended for networking applications that have a heavy logic content, such as
access concentrators, midrange routers, LAN switches and shared media hubs.
All specifications are typical at nominal input, full load at 25°C unless otherwise stated
EMC CHARACTERISTICS (continued) (11)
Surge
EN61000-4-5
Level 3
Fast transients
EN61000-4-4
Level 3
Radiated immunity
EN61000-4-3
Level 3
Conducted immunity
EN61000-4-6
Level 3
GENERAL SPECIFICATIONS
Hold-up time
120VAC @ 60Hz
20ms @ 150W
Efficiency (See Note 13)
120VAC @ 150W
73% typical
Isolation voltage
Input/output
3000VAC
Input/chassis
1500VAC
Approvals and
EN60950, VDE0805, IEC950
standards pending
UL1950, CSA C22.2 No. 950
Weight
540g (19oz)
MTBF (@ 25°C)
MIL-HDBK-217F
350,000 hours min.
Bellcore
800,000 hours min.
ENVIRONMENTAL SPECIFICATIONS (8)
Thermal performance
Operating ambient,
0°C to +50°C
(See derating curve)
Non-operating
-40°C to +85°C
50°C to 70°C ambient,
Derate to
convection cooled
50% load
0°C to 50°C ambient,
110W
convection cooled
0°C to 50°C ambient,
150W
300LFM forced air
Peak (0°C to +50°C)
(See Note 3)
Relative humidity
Non-condensing
5% to 95% RH
Altitude
Operating
10,000 feet max.
Non-operating
30,000 feet max.
Vibration (See Note 6)
5Hz to 500Hz
2.4G rms peak
Shock
per MIL-STD-810E
516.4 Part IV
OUTPUT SPECIFICATIONS
Total regulation
Main output
±2.0%
(Line and load)
Auxiliary outputs
±5.0%
Turn-on delay
@ 120VAC Input
2.0s, max.
Transient response
Main output
5.0% or 250mV
75% to 100%
max. dev., 1ms max.
step at 0.1A/µs
recovery to 1%
Temperature coefficient
±0.02%/°C
Overvoltage protection
Main outputs
125%, ±10%
Short circuit protection
Cyclic operation
Continuous
Minimum output current
Singles and multiple
See table
INPUT SPECIFICATIONS
Input voltage range
Universal input
90 to 264VAC
(See Note 12)
Input frequency range
47Hz to 63Hz
Input surge current
264VAC (cold start)
40A max.
Safety ground
264VAC, 60Hz
0.99mA
leakage current
Input current
120VAC @ 150W
1.95A rms
230VAC @ 150W
1.10A rms
Input fuse
UL/IEC127
F3.15A H, 250VAC
EMC CHARACTERISTICS (11)
Conducted emissions
EN55022, FCC part 15
Level B
Radiated emissions
EN55022, FCC part 15
Level A
Harmonic current
EN61000-3-2
Compliant
emission correction
ESD air
EN61000-4-2
Level 3
ESD contact
EN61000-4-2
Level 3
SPECIFICATIONS
File Name: NLP150LST.PDF Rev: 24 June 2002
Patent No. 5600546 and 5652700


Similar Part No. - NLP150L

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NLP150L EMERSON-NETWORKPOWER-NLP150L Datasheet
88Kb / 3P
110-150 W AC/DC Universal Input Switch Mode Power Supplies
logo
Artesyn Technologies
NLP150L-96Q5366 ARTESYN-NLP150L-96Q5366 Datasheet
61Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
logo
Emerson Network Power
NLP150L-96S3J EMERSON-NETWORKPOWER-NLP150L-96S3J Datasheet
88Kb / 3P
110-150 W AC/DC Universal Input Switch Mode Power Supplies
NLP150L-96S5J EMERSON-NETWORKPOWER-NLP150L-96S5J Datasheet
88Kb / 3P
110-150 W AC/DC Universal Input Switch Mode Power Supplies
NLP150L-96S6J EMERSON-NETWORKPOWER-NLP150L-96S6J Datasheet
88Kb / 3P
110-150 W AC/DC Universal Input Switch Mode Power Supplies
More results

Similar Description - NLP150L

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NLP25 ARTESYN-NLP25 Datasheet
49Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLP40 ARTESYN-NLP40 Datasheet
57Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLP65 ARTESYN-NLP65 Datasheet
63Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLP70 ARTESYN-NLP70 Datasheet
56Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLP110 ARTESYN-NLP110 Datasheet
170Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLS110-9602 ARTESYN-NLS110-9602 Datasheet
60Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
logo
XP Power Limited
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
AC-DC Power Supplies
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
AC-DC Power Supplies
logo
Artesyn Technologies
NLP150L-96Q5366 ARTESYN-NLP150L-96Q5366 Datasheet
61Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com