Electronic Components Datasheet Search
  English  ▼

X  

GIPTDB2 Datasheet(PDF) 1 Page - Belden Inc.

Part # GIPTDB2
Description  Indoor tight buffered patchcord LSZH jacket 1.8mm DX Zip MM OM3.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

GIPTDB2 Datasheet(HTML) 1 Page - Belden Inc.

  GIPTDB2 Datasheet HTML 1Page - Belden Inc. GIPTDB2 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: GIPTDB2
Indoor tight buffered patchcord LSZH jacket 1.8mm DX Zip MM OM3.
Product Description
Indoor tight buffered patchcord with Low Smoke Zero Halogen outer jacket. 1.8mm duplex zipcord MM OM3.
Technical Specifications
Product Overview
Construction Type:
Interconnect
Environmental Space:
Indoor (Not Riser or Plenum)
Suitable Applications:
Flexible terminating leads such as pigtails, patchcords and test leads. Support all computer network applications such as FDDI, Gigabit Ethernet and ATM.
Short distance applications for indoor use.
Construction
Fiber Cable Construction
Fiber Type Fiber Count
OM3
2
Fiber Color Coding:
TIA coding (Gxxxxxx.T): Blue, Orange
Buffer Specification
Fiber Type Buffer Construction
Buffer Material
Buffer Diameter
OM3
Tight
LSZH - Low Smoke Zero Halogen (Flame Retardant) 0.9 mm
Cable Core Water Tight:
Yes
Bulk Cable Weight:
6.5 kg/km
Jacket Specifications
Number of Jackets:
Single Jacket
Type of Armor:
Non-Armored
Outer Jacket Specifications
Outer Jacket
Material
Color
Nominal Diameter Ripcord
LSZH - Low Smoke Zero Halogen (Flame Retardant) Orange 1.8 mm
No
Table Notes:
Standard color: Orange. Available colors: Orange, Yellow, Turquoise, Erika Violet, Red, Blue, Green, Brown, Violet, Pink, Grey, White, Black, Lime Green
Optical Characteristics
Max. Attenuation at 1300 nm:
0.9 dB/km
Max. Attenuation at 850 nm:
2.9 dB/km
Mechanical Characteristics
Mechanical Tests
Description
Tested Standard
Requirement/Value According to Family Specification
Cable Min. Bend Radius Operation (Long Term)
IEC 60794-1-21-E11 60 mm
IEC 60794-2-10
Cable Max. Tensile Strength Installation (Short Term)
IEC 60794-1-21-E1
300 N (67 lbf)
IEC 60794-2-10
Cable Max. Tensile Strength Operation (Long Term)
IEC 60794-1-21-E1
100 N (22 lbf)
IEC 60794-2-10


Similar Part No. - GIPTDB2

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GIPTDB1 BELDEN-GIPTDB1 Datasheet
140Kb / 2P
Indoor tight buffered patchcord LSZH jacket 1.8mm simplex MM OM3.
01-20-2023
GIPTDBH BELDEN-GIPTDBH Datasheet
140Kb / 2P
Indoor tight buffered patchcord LSZH jacket 1.8mm heavy DX MM OM3.
01-20-2023
More results

Similar Description - GIPTDB2

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GIPSDC2 BELDEN-GIPSDC2 Datasheet
162Kb / 2P
Indoor semi-tight buffered patchcord LSZH jacket 2.0mm DX Zip MM OM3.
01-19-2023
GIPT1B2 BELDEN-GIPT1B2 Datasheet
167Kb / 2P
Indoor tight buffered patchcord LSZH jacket 1.8mm DX Zip MM OM1.
01-19-2023
GIPT2B2 BELDEN-GIPT2B2 Datasheet
167Kb / 2P
Indoor tight buffered patchcord LSZH jacket 1.8mm DX Zip MM OM2.
01-19-2023
GIPTDA2 BELDEN-GIPTDA2 Datasheet
166Kb / 2P
Indoor tight buffered patchcord LSZH jacket 1.6mm DX Zip MM OM3.
01-20-2023
GIPTDBH BELDEN-GIPTDBH Datasheet
140Kb / 2P
Indoor tight buffered patchcord LSZH jacket 1.8mm heavy DX MM OM3.
01-20-2023
GIPTDC2 BELDEN-GIPTDC2 Datasheet
167Kb / 2P
Indoor tight buffered patchcord LSZH jacket 2.0mm DX Zip MM OM3. CPR Eca.
01-20-2023
GIPTDD2 BELDEN-GIPTDD2 Datasheet
166Kb / 2P
Indoor tight buffered patchcord LSZH jacket 2.4mm DX Zip MM OM3.
01-20-2023
GIPTDE2 BELDEN-GIPTDE2 Datasheet
166Kb / 2P
Indoor tight buffered patchcord LSZH jacket 2.8mm DX Zip MM OM3.
01-20-2023
GIPTDF2 BELDEN-GIPTDF2 Datasheet
166Kb / 2P
Indoor tight buffered patchcord LSZH jacket 3.0mm DX Zip MM OM3.
01-20-2023
GIPTDH2 BELDEN-GIPTDH2 Datasheet
166Kb / 2P
Indoor tight buffered patchcord LSZH jacket 2.1mm DX Zip MM OM3.
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com