Electronic Components Datasheet Search
  English  ▼

X  

GIPTDFH Datasheet(PDF) 1 Page - Belden Inc.

Part # GIPTDFH
Description  Indoor tight buffered patchcord LSZH jacket 3.0mm heavy DX MM OM3.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

GIPTDFH Datasheet(HTML) 1 Page - Belden Inc.

  GIPTDFH Datasheet HTML 1Page - Belden Inc. GIPTDFH Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: GIPTDFH
Indoor tight buffered patchcord LSZH jacket 3.0mm heavy DX MM OM3.
Product Description
Indoor tight buffered patchcord with Low Smoke Zero Halogen outer jacket. 3.0mm heavy duplex MM OM3.
Technical Specifications
Product Overview
Construction Type:
Interconnect
Environmental Space:
Indoor (Not Riser or Plenum)
Suitable Applications:
Flexible terminating leads such as pigtails, patchcords and test leads. Support all computer network applications such as FDDI, Gigabit Ethernet and ATM.
Short distance applications for indoor use.
Construction
Fiber Cable Construction
Fiber Type Fiber Count
OM3
2
Fiber Color Coding:
TIA coding (Gxxxxxx.T): Blue, Orange
Buffer Specification
Fiber Type Buffer Construction
Buffer Material
Buffer Diameter
OM3
Tight
LSZH - Low Smoke Zero Halogen (Flame Retardant) 0.9 mm
Cable Core Water Tight:
Yes
Bulk Cable Weight:
50 kg/km
SubUnit Specifications
Number of Active Subunits:
2
Number of Subunit Positions:
2
Fibers Per Subunit:
1
Subunit Diameter:
3.0 mm
Jacket Specifications
Number of Jackets:
Single Jacket
Type of Armor:
Non-Armored
Outer Jacket Specifications
Outer Jacket
Material
Color
Nominal Diameter Ripcord
LSZH - Low Smoke Zero Halogen (Flame Retardant) Orange 4.6 mm
No
Table Notes:
Standard color: Orange. Available colors: Orange, Yellow, Turquoise, Erika Violet, Red, Blue, Green, Brown, Violet, Pink, Grey, White, Black, Lime Green
Optical Characteristics
Max. Attenuation at 1300 nm:
0.9 dB/km
Max. Attenuation at 850 nm:
2.9 dB/km


Similar Part No. - GIPTDFH

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GIPTDF1 BELDEN-GIPTDF1 Datasheet
140Kb / 2P
Indoor tight buffered patchcord LSZH jacket 3.0mm simplex MM OM3.
01-20-2023
GIPTDF2 BELDEN-GIPTDF2 Datasheet
166Kb / 2P
Indoor tight buffered patchcord LSZH jacket 3.0mm DX Zip MM OM3.
01-20-2023
GIPTDFR BELDEN-GIPTDFR Datasheet
139Kb / 2P
Indoor tight buffered patchcord LSZH jacket 3.0mm round DX MM OM3.
01-20-2023
More results

Similar Description - GIPTDFH

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GIPT1FH BELDEN-GIPT1FH Datasheet
140Kb / 2P
Indoor tight buffered patchcord LSZH jacket 3.0mm heavy DX MM OM1.
01-20-2023
GIPT2FH BELDEN-GIPT2FH Datasheet
140Kb / 2P
Indoor tight buffered patchcord LSZH jacket 3.0mm heavy DX MM OM2.
01-20-2023
GIPTDAH BELDEN-GIPTDAH Datasheet
140Kb / 2P
Indoor tight buffered patchcord LSZH jacket 1.6mm heavy DX MM OM3.
01-20-2023
GIPTDBH BELDEN-GIPTDBH Datasheet
140Kb / 2P
Indoor tight buffered patchcord LSZH jacket 1.8mm heavy DX MM OM3.
01-20-2023
GIPTDCH BELDEN-GIPTDCH Datasheet
140Kb / 2P
Indoor tight buffered patchcord LSZH jacket 2.0mm heavy DX MM OM3.
01-20-2023
GIPTDDH BELDEN-GIPTDDH Datasheet
140Kb / 2P
Indoor tight buffered patchcord LSZH jacket 2.4mm heavy DX MM OM3.
01-20-2023
GIPTDEH BELDEN-GIPTDEH Datasheet
141Kb / 2P
Indoor tight buffered patchcord LSZH jacket 2.8mm heavy DX MM OM3.
01-20-2023
GIPTDF2 BELDEN-GIPTDF2 Datasheet
166Kb / 2P
Indoor tight buffered patchcord LSZH jacket 3.0mm DX Zip MM OM3.
01-20-2023
GIPTDFR BELDEN-GIPTDFR Datasheet
139Kb / 2P
Indoor tight buffered patchcord LSZH jacket 3.0mm round DX MM OM3.
01-20-2023
GIPTDHH BELDEN-GIPTDHH Datasheet
140Kb / 2P
Indoor tight buffered patchcord LSZH jacket 2.1mm heavy DX MM OM3.
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com