Electronic Components Datasheet Search
  English  ▼

X  

74F711A Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74F711A
Description  consist of five 2-to-1 multiplexers designedfor address multiplexing of dynamic RAMs and other multiplexing applicationThe outputs source 15mA
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F711A Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74F711A Datasheet HTML 4Page - NXP Semiconductors 74F711A Datasheet HTML 5Page - NXP Semiconductors 74F711A Datasheet HTML 6Page - NXP Semiconductors 74F711A Datasheet HTML 7Page - NXP Semiconductors 74F711A Datasheet HTML 8Page - NXP Semiconductors 74F711A Datasheet HTML 9Page - NXP Semiconductors 74F711A Datasheet HTML 10Page - NXP Semiconductors 74F711A Datasheet HTML 11Page - NXP Semiconductors 74F711A Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Philips Semiconductors
Product specification
74F711A/74F711–1/
74F712A/74F712–1
Multiplexers
1990 Dec 13
8
AC ELECTRICAL CHARACTERISTICS – 74F711A/74F711-1
LIMITS
Tamb = +25°C
Tamb = 0° C to +70°C
V
=5V
± 10%
SYMBOL
PARAMETER
TEST CONDITION
amb
VCC = 5V
C
50pF R
500
W
VCC = 5V ± 10%
CL = 50pF,
UNIT
CL = 50pF, RL = 500W
CL = 50pF,
RL = 500W
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
Dna, Dnb to Qn
Waveform 1, 2
2.5
2.5
5.0
4.0
7.5
7.0
2.0
2.0
8.0
7.5
ns
ns
tPLH
tPHL
Propagation delay
S to Qn
Waveform 1, 3
7.0
5.0
9.0
8.0
12.0
11.0
5.5
4.5
13.5
12.0
ns
ns
tPLH
tPHL
Propagation delay
INV to Qn
74F711A
Waveform 1, 3
6.0
4.0
9.0
8.0
12.5
11.0
5.0
3.5
14.0
11.5
ns
ns
tPZH
tPZL
Output Enable time
OE to Qn
Waveform 4
Waveform 5
2.5
2.5
4.0
4.5
6.5
7.0
2.0
2.0
7.0
7.5
ns
ns
tPHZ
tPLZ
Output Disable time
OE to Qn
Waveform 4
Waveform 5
2.5
3.0
4.0
5.0
7.0
8.0
2.0
2.5
8.0
8.5
ns
ns
tPLH
tPHL
Propagation delay
Dna, Dnb to Qn
Waveform 1, 2
3.0
2.0
4.5
4.5
7.5
7.5
2.0
2.5
9.0
8.0
ns
ns
tPLH
tPHL
Propagation delay
S, INV to Qn
74F711 1
Waveform 1, 3
6.5
4.5
10.0
8.5
13.5
11.5
5.5
4.0
14.5
12.5
ns
ns
tPZH
tPZL
Output Enable time
OE to Qn
74F711-1
Waveform 4
Waveform 5
2.5
3.0
4.5
5.0
7.5
7.5
2.0
2.5
9.0
8.0
ns
ns
tPHZ
tPLZ
Output Disable time
OE to Qn
Waveform 4
Waveform 5
2.0
3.5
4.5
5.5
7.0
8.5
2.0
3.0
8.0
9.5
ns
ns
AC ELECTRICAL CHARACTERISTICS – 74F712A/74F712-1
LIMITS
Tamb = +25°C
Tamb = 0 to +70°C
V
=5V
± 10%
SYMBOL
PARAMETER
TEST CONDITION
amb
VCC = 5V
C
50pF R
500
W
VCC = 5V ± 10%
CL = 50pF,
UNIT
CL = 50pF, RL = 500W
CL = 50pF,
RL = 500W
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
Dna, Dnb, Dnc to Qn
74F712A
Waveform 1, 2
2.0
2.0
3.5
3.5
6.5
6.5
2.0
2.0
7.0
7.0
ns
ns
tPLH
tPHL
Propagation delay
S0, S1 to Qn
74F712A
Waveform 1
6.5
5.0
8.0
7.5
11.5
10.0
5.5
4.5
13.5
11.0
ns
ns
tPLH
tPHL
Propagation delay
Dna, Dnb, Dnc to Qn
74F712 1
Waveform 1, 2
2.0
2.0
4.0
4.0
7.0
7.0
2.0
2.0
7.5
7.5
ns
ns
tPLH
tPHL
Propagation delay
S0, S1 to Qn
74F712-1
Waveform 1
7.0
5.5
9.0
7.5
12.0
10.5
6.0
5.5
13.5
11.0
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com