Electronic Components Datasheet Search
  English  ▼

X  

MCP6S92 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6S92
Description  Single-Ended, Rail-to-Rail I/O, Low-Gain PGA
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S92 Datasheet(HTML) 1 Page - Microchip Technology

  MCP6S92 Datasheet HTML 1Page - Microchip Technology MCP6S92 Datasheet HTML 2Page - Microchip Technology MCP6S92 Datasheet HTML 3Page - Microchip Technology MCP6S92 Datasheet HTML 4Page - Microchip Technology MCP6S92 Datasheet HTML 5Page - Microchip Technology MCP6S92 Datasheet HTML 6Page - Microchip Technology MCP6S92 Datasheet HTML 7Page - Microchip Technology MCP6S92 Datasheet HTML 8Page - Microchip Technology MCP6S92 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
 2004 Microchip Technology Inc.
DS21908A-page 1
MCP6S91/2/3
Features
• Multiplexed Inputs: 1 or 2 channels
• 8 Gain Selections:
- +1, +2, +4, +5, +8, +10, +16 or +32 V/V
• Serial Peripheral Interface (SPI™)
• Rail-to-Rail Input and Output
• Low Gain Error: ±1% (max.)
• Offset Mismatch Between Channels: 0 µV
• High Bandwidth: 1 to 18 MHz (typ.)
• Low Noise: 10 nV/
√Hz @ 10 kHz (typ.)
• Low Supply Current: 1.0 mA (typ.)
• Single Supply: 2.5V to 5.5V
• Extended Temperature Range: -40°C to +125°C
Typical Applications
• A/D Converter Driver
• Multiplexed Analog Applications
• Data Acquisition
• Industrial Instrumentation
• Test Equipment
• Medical Instrumentation
Block Diagram
Description
The Microchip Technology Inc. MCP6S91/2/3 are
analog Programmable Gain Amplifiers (PGAs). They
can be configured for gains from +1 V/V to +32 V/V and
the input multiplexer can select one of up to two chan-
nels through a SPI port. The serial interface can also
put the PGA into shutdown to conserve power. These
PGAs are optimized for high-speed, low offset voltage
and single-supply operation with rail-to-rail input and
output capability. These specifications support single-
supply applications needing flexible performance or
multiple inputs.
The one-channel MCP6S91 and the two-channel
MCP6S92 are available in 8-pin PDIP, SOIC and MSOP
packages. The two-channel MCP6S93 is available in a
10-pin MSOP package. All parts are fully specified from
-40°C to +125°C.
Package Types
VOUT
VREF
VDD
CS
SI
SO
SCK
CH1
CH0
VSS
8
RF
RG
MUX
SPI™
Logic
Gain
Switches
VREF
CH0
VSS
SI
SCK
1
2
3
4
8
7
6
5
VDD
CS
VOUT
MCP6S91
PDIP, SOIC, MSOP
CH1
CH0
VSS
SI
SCK
1
2
3
4
8
7
6
5
VDD
CS
VOUT
MCP6S92
PDIP, SOIC, MSOP
CH0
VOUT
CH1
CS
1
2
3
4
10
9
8
7SI
SCK
56
VREF
VDD
SO
VSS
MCP6S93
MSOP
Single-Ended, Rail-to-Rail I/O, Low-Gain PGA


Similar Part No. - MCP6S92

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6S92 MICROCHIP-MCP6S92 Datasheet
526Kb / 40P
Single-Ended, Rail-to-Rail I/O, Low-Gain PGA
09/27/04
MCP6S92E-SN MICROCHIP-MCP6S92E-SN Datasheet
722Kb / 40P
Single-Ended, Rail-to-Rail I/O, Low-Gain PGA
2004
More results

Similar Description - MCP6S92

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4174 FAIRCHILD-FAN4174 Datasheet
511Kb / 14P
Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
GB15RF120K FAIRCHILD-GB15RF120K Datasheet
678Kb / 10P
Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
logo
Microchip Technology
MCP6S21 MICROCHIP-MCP6S21 Datasheet
880Kb / 43P
Single-Ended, Rail-to-Rail I/O, Low Gain PGA
2003
logo
Global Mixed-mode Techn...
G1214A GMT-G1214A Datasheet
306Kb / 1P
Rail-to-Rail I/O
logo
Microchip Technology
MCP6S92E-SN MICROCHIP-MCP6S92E-SN Datasheet
722Kb / 40P
Single-Ended, Rail-to-Rail I/O, Low-Gain PGA
2004
MCP6S21 MICROCHIP-MCP6S21_13 Datasheet
761Kb / 42P
Single-Ended, Rail-to-Rail I/O, Low Gain PGA
10/26/12
MCP6S26-ISL MICROCHIP-MCP6S26-ISL Datasheet
761Kb / 42P
Single-Ended, Rail-to-Rail I/O, Low Gain PGA
10/26/12
MCP6S28-ISL MICROCHIP-MCP6S28-ISL Datasheet
761Kb / 42P
Single-Ended, Rail-to-Rail I/O, Low Gain PGA
10/26/12
MCP6S93-E MICROCHIP-MCP6S93-E Datasheet
526Kb / 40P
Single-Ended, Rail-to-Rail I/O, Low-Gain PGA
09/27/04
logo
SG Micro Corp
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
Single Rail-to-Rail I/O Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com