Electronic Components Datasheet Search
  English  ▼

X  

74F757 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F757
Description  Octal inverter buffer open-collector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F757 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F757 Datasheet HTML 1Page - NXP Semiconductors 74F757 Datasheet HTML 2Page - NXP Semiconductors 74F757 Datasheet HTML 3Page - NXP Semiconductors 74F757 Datasheet HTML 4Page - NXP Semiconductors 74F757 Datasheet HTML 5Page - NXP Semiconductors 74F757 Datasheet HTML 6Page - NXP Semiconductors 74F757 Datasheet HTML 7Page - NXP Semiconductors 74F757 Datasheet HTML 8Page - NXP Semiconductors 74F757 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74F756/74F757/74F760
Buffers
74F756 Octal Inverter Buffer (Open Collector)
74F757 Octal Buffer (Open Collector)
74F760 Octal Buffer (Open Collector)
2
1989 Nov 27
853–0270 98220
FEATURES
• Octal bus interface
• Open collector versions of 74F240, 74F241 and 74F244
DESCRIPTION
The 74F756, 74F757 and 74F760 are octal buffers that are ideal for
driving bus lines of buffer memory address registers. The 74F756 is
the open collector version of 74F240, 74F757 is the open collector
version of 74F241 and 74760 is the open collector version of
74F244. These devices feature two Output Enables. OEa and OEb
(or OEb for the 74F757), each controlling four of the outputs.
TYPE
TYPICAL
PROPAGATION DELAY
TYPICAL SUPPLY
CURRENT (TOTAL)
74F756
9.0ns
40mA
74F757
9.0ns
45mA
74F760
9.0ns
45mA
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%, Tamb = 0°C to +70°C
PKG DWG #
20–pin plastic DIP
N74F756N, N74F757AN, N74F760N
SOT146-1
20–pin plastic SOL
N74F756D, N74F757AD, N74F760D
SOT163-1
INPUT AND OUTPUT LOADING AND FAN OUT TABLE
PINS
DESCRIPTION
74F (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
Ian, Ibn
Data inputs
1.0/1.67
20
µA/1.0mA
OEa, OEb
Output enable input (active Low)
1.0/1.67
20
µA/0.2mA
OEb
Output enable input (active High 74F757)
1.0/1.67
20
µA/1.0mA
Yan, Ybn
Data outputs (74F757, 74F760)
OC/106.7
OC/64mA
Yan, Ybn
Data outputs (74F756)
OC/106.7
OC/64mA
Notes:
One (1.0) FAST unit load is defined as: 20
µA in the high state and 0.6mA in the Low state.
OC=Open Collector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com