Electronic Components Datasheet Search
  English  ▼

X  

UPSD3422 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 1 Page - STMicroelectronics

  UPSD3422_V01 Datasheet HTML 1Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 2Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 3Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 4Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 5Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 6Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 7Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 8Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 300 page
background image
January 2009
Rev 5
1/300
1
UPSD3422 UPSD3433
UPSD3434 UPSD3454
Turbo Plus series
Fast Turbo 8032 MCU with USB and programmable logic
Features
■ Fast 8-bit Turbo 8032 MCU, 40 MHz
– Advanced core, 4-clocks per instruction
– 10 MIPs peak performance at 40 MHz (5 V)
– JTAG debug and in-system programming
– 16-bit internal instruction path fetches
double-byte instruction in a single memory
cycle
– Branch cache & 4 instruction prefetch
queue
– Dual XDATA pointers with automatic
increment and decrement
– Compatible with 3rd party 8051 tools
■ Dual Flash memories with memory
management
– Place either memory into 8032 program
address space or data address space
– READ-while-WRITE operation for in-
application programming and EEPROM
emulation
– Single voltage program and erase
– 100 000 guaranteed erase cycles, 15-year
retention
■ Clock, reset, and power supply management
– Flexible 8-level CPU clock divider register
– Normal, Idle, and power-down modes
– Power-on-reset and low-voltage-reset
supervisor
– Programmable watchdog timer
■ Programmable logic, general purpose
– 16 macrocells for logic applications (e.g.,
shifters, state machines, chip-selects, glue-
logic to keypads, and LCDs)
■ A/D converter
– Eight channels, 10-bit resolution, 6 µs
■ Operating voltage source (±10%)
– 5 V devices: 5.0 V and 3.3 V sources
– 3.3 V devices: 3.3 V source
■ Communication interfaces
– USB v2.0 Full Speed (12Mbps)
– 10 endpoint pairs (In/Out), each endpoint
with 64-byte FIFO (supports Control, Intr,
and Bulk transfer types)
–I2C Master/Slave controller, 833kHz
– SPI Master controller, 10MHz
– Two UARTs with independent baud rate
– IrDA potocol: up to 115 kbaud
– Up to 46 I/O, 5 V tolerant uPSD34xxV
■ Timers and interrupts
– Three 8032 standard 16-bit timers
– Programmable counter array (PCA), six 16-
bit modules for PWM, CAPCOM, and
timers
– 8/10/16-bit PWM operation
– 12 Interrupt sources with two external
interrupt pins
■ Packages
– ECOPACK® compliant
Table 1.
Device summary
Reference
Part number
uPSD3422
UPSD3422E, UPSD3422EV
uPSD3433E
UPSD3433E, UPSD3433EV
uPSD3434
UPSD3434E, UPSD3434EV
uPSD3454
UPSD3454E, UPSD3454EV
LQFP52 (T), 52-lead,
thin, quad, flat
LQFP80 (U), 80-lead,
thin, quad, flat
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - UPSD3422_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3422EV-40T6 STMICROELECTRONICS-UPSD3422EV-40T6 Datasheet
267Kb / 9P
Fast Turbo 8032 MCU with USB and Programmable Logic
07-Feb-2005
UPSD3422EV-40T6 STMICROELECTRONICS-UPSD3422EV-40T6 Datasheet
4Mb / 293P
Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
11-Jul-2006
UPSD3422EV-40T6T STMICROELECTRONICS-UPSD3422EV-40T6T Datasheet
4Mb / 264P
Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
11-Jul-2006
UPSD3422EV-40T6T STMICROELECTRONICS-UPSD3422EV-40T6T Datasheet
4Mb / 293P
Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
11-Jul-2006
UPSD3422EV-40T6T STMICROELECTRONICS-UPSD3422EV-40T6T Datasheet
267Kb / 9P
Fast Turbo 8032 MCU with USB and Programmable Logic
07-Feb-2005
More results

Similar Description - UPSD3422_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3422 STMICROELECTRONICS-UPSD3422 Datasheet
4Mb / 264P
Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
11-Jul-2006
UPSD3212A STMICROELECTRONICS-UPSD3212A Datasheet
2Mb / 163P
Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic
18-Dec-2002
UPSD33XX STMICROELECTRONICS-UPSD33XX Datasheet
3Mb / 231P
Fast 8032 MCU with Programmable Logic
01-Jul-2003
UPSD3422 STMICROELECTRONICS-UPSD3422_06 Datasheet
4Mb / 293P
Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
11-Jul-2006
UPSD34XX STMICROELECTRONICS-UPSD34XX Datasheet
267Kb / 9P
Fast Turbo 8032 MCU with USB and Programmable Logic
07-Feb-2005
logo
Pixart Imaging Inc.
PAC107 PIXART-PAC107 Datasheet
1Mb / 53P
SINGLE-CHIP CMOS QQVGA IMAGE SENSOR with EMBEDDED TWIN-TURBO 8032 MICRO-PROCESSOR
logo
STMicroelectronics
UPSD3233B-40U6 STMICROELECTRONICS-UPSD3233B-40U6 Datasheet
267Kb / 8P
8032 MCU with USB and Programmable Logic
Nov-2004
UPSD3354DV-40U6 STMICROELECTRONICS-UPSD3354DV-40U6 Datasheet
3Mb / 272P
fast 8032 MCU with programmable logic
01-Jul-2003
STHVDAC-253MTG STMICROELECTRONICS-STHVDAC-253MTG Datasheet
672Kb / 28P
Antenna tuning circuit with turbo and glide
17-Nov-2015
STHVDAC-256MTG STMICROELECTRONICS-STHVDAC-256MTG Datasheet
650Kb / 27P
Antenna tuning circuit with turbo and glide
02-Nov-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com