Electronic Components Datasheet Search
  English  ▼

X  

F0562 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # F0562
Description  Sampling IF Receiver 2300MHz to 2700MHz
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0562 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button F0562 Datasheet HTML 20Page - Renesas Technology Corp F0562 Datasheet HTML 21Page - Renesas Technology Corp F0562 Datasheet HTML 22Page - Renesas Technology Corp F0562 Datasheet HTML 23Page - Renesas Technology Corp F0562 Datasheet HTML 24Page - Renesas Technology Corp F0562 Datasheet HTML 25Page - Renesas Technology Corp F0562 Datasheet HTML 26Page - Renesas Technology Corp F0562 Datasheet HTML 27Page - Renesas Technology Corp F0562 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
Sampling IF Receiver 2300MHz to
2700MHz
F0562
Datasheet
FlatNoiseTM, Zero-DistortionTM, SIF Rx
24
February 9, 2022
TOCS HISTOGRAMS [N= 4584, TCASE = 25C] (-14-)
Gain [RF = 2500M, LO = 2316M, GMAX]
Output IP3 [RF = 2500M, LO = 2316M, G17]
ATTN Accuracy2 [RF = 2500M, LO = 2316, ChA]
Output IP3 [RF = 2500M, LO = 2316M, GMAX]
ATTN Accuracy1 [RF = 2500M, LO = 2316, ChA]
Total ICC [LO = 2316M, VCC = 5.00 V]
0%
5%
10%
15%
20%
25%
30%
35%
40%
Gain Bin (dB)
ChA
ChB
0%
5%
10%
15%
20%
25%
Output IP3 Bin (dBm)
ChA
ChB
Gain Setting = 17 dB (10 dB Reduced from Max Gain)
0%
5%
10%
15%
20%
25%
30%
Attenuation Accuracy Bin (dB)
32 dB
47 dB
0%
5%
10%
15%
20%
25%
Output IP3 Bin (dBm)
ChA
ChB
0%
10%
20%
30%
40%
50%
60%
70%
Attenuation Accuracy Bin (dB)
8 dB
16 dB
0%
5%
10%
15%
20%
25%
30%
35%
Total Current Draw Bin (mA)
STD mode
LC mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com