Electronic Components Datasheet Search
  English  ▼

X  

PRO-EB-609 Datasheet(PDF) 2 Page - Abracon Corporation

Part # PRO-EB-609
Description  OnBoard 2.4 GHz Mini SMD - Antenna
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

PRO-EB-609 Datasheet(HTML) 2 Page - Abracon Corporation

  PRO-EB-609 Datasheet HTML 1Page - Abracon Corporation PRO-EB-609 Datasheet HTML 2Page - Abracon Corporation PRO-EB-609 Datasheet HTML 3Page - Abracon Corporation PRO-EB-609 Datasheet HTML 4Page - Abracon Corporation PRO-EB-609 Datasheet HTML 5Page - Abracon Corporation PRO-EB-609 Datasheet HTML 6Page - Abracon Corporation PRO-EB-609 Datasheet HTML 7Page - Abracon Corporation PRO-EB-609 Datasheet HTML 8Page - Abracon Corporation PRO-EB-609 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED:
For terms and conditions of sales, please visit:
www.abracon.com
OnBoard 2.4 GHz Mini SMD - Antenna
PRO-OB-607
9.90 x 4.30 x 2.00 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
Electrical Specification
Note: All measurements were conducted on the evaluation board in free space. Performance will vary depending on
the ground plane, application, and environment.
Mechanical Specification
Environmental Specification
Parameter
Specification
Unit
Operating Frequency
2400 - 2497
MHz
Return Loss
˂ -6.3
dB
Polarization
Mixed Linear
-
Peak Gain
-0.6
dBi
Efficiency
> 23
%
Impedance
50
Ω
Parameter
Specification
Antenna Dimension
9.90 x 4.30 x 2.00 mm
Evaluation board Dimension
48 x 18 mm
Mounting Type
Surface Mount
Parameter
Specification
Operating Temperature
-40°C to +125°C
Storage Temperature
Maximum Temperature
400°C
RoHS Compliance
Yes
Compliant with EU directive 2011/65/EU and 2015/863
Shelf life
10 years
MSL
Level 1, unlimited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com