Electronic Components Datasheet Search
  English  ▼

X  

PLN Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PLN
Description  Planar Transformers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PLN Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PLN Datasheet HTML 1Page - Bourns Electronic Solutions PLN Datasheet HTML 2Page - Bourns Electronic Solutions PLN Datasheet HTML 3Page - Bourns Electronic Solutions PLN Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PLN Series – Planar Transformers
Features
n
DC-DC transformer: 48 to 70 watts
n
Forward converter topology
n
Low leakage inductance
n
Low profile component
n
Surface mount
n
Operating temperature: -40 °C to +125 °C
n
RoHS compliant*
Applications
n
PoE applications
n
Industrial power systems
n
Switched-Mode Power Supplies (SMPS)
n
LED lighting
n
Battery Management Systems
Additional Information
Click these links for more information:
PRODUCT TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
General Specifications
Operating Temperature������������������������������������������������������������������������� -40 ℃ to +125 ℃
(Temperature Rise Included)
Storage Temperature with Packaging����������������������������������������������������� -40 ℃ to +85 ℃
Transformer Input Voltage�������������������������������������������������������������������������������33-57 VDC
Switching Frequency ��������������������������������������������������������������������������������������������250 kHz
Volt-Time ���������������������������������������������������������������������������������������������������� 81.6 (V-µsec.)
Moisture Sensitivity Level������������������������������������������������������������������������������������������������1
Electrical Specifications @ 25 °C
Bourns
Part Number
Primary
Inductance1
(μH)
Leakage
Inductance2
(μH) max.
DCR max.
(mΩ)
Turns ratio
± 3 %
Hi - Pot3
Main
Output
(1,2-3,4)
(7,8,
9-10,
11,12)
(5-6)
(1,2-3,4 :
5-6)
(1,2-3,4 :
7,8,9-10,
11,12)
PLN048-ED21A12S
90
0.290
80
26
210
1.33 : 1
1.6 : 1
1750 VDC
12 V ./ 4 A
PLN050-ED21A05S
153
0�400
90
4.7
150
1.6 : 1
4 : 1
5 V / 10 A
PLN070-ED21A05S
150
0.600
78
1.7
140
1.6 : 1
4 : 1
5 V / 14 A
Notes:
1. Primary inductance measured from (1,2-3,4) @ 100 kHz, 0.1 V
2. Leakage inductance measured (1,2-3,4) w/(5-6 & 7,8,9-10,11,12) shorted @ 100 kHz, 0.1 V
3. Hi-Pot (Pri-Sec) ref. @ 3 sec. / 0.5 mA
*RoHS Directive 2015/863, Mar 31, 2015 and Annex.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of
this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
WARNING Cancer and Reproductive Harm -
www.P65Warnings.ca.gov
Product Dimensions
PLN0XX-ED21AXXS
YYWW
17
(.669)
12
7
1
6
17.6
(.693)
21.1
(.831)
10
(.394)
16.8
(.661)
9.8
(.386)
MAX.
20.6
(.811)
0.64
(.025)
1.02
(.04)
26 ± 0.5
(1.024 ± .02)
2.5 ± 0.2
(.098 ± .008)
22.7 ± 0.3
(.894 ± .012)
24.6 ± 0.5
(.969 ± .020)
0.10
(.004)
CF
DIMENSIONS:
MM
(INCHES)
DIMENSIONS:
MM
(INCHES)
Unless otherwise specified, all tolerances are ± 0.25 / (.010)
Recommended Layout
11
(.433)
21.4
(.843)
25.6
(1.008)
14
(.551)


Similar Part No. - PLN

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLN-100 MEANWELL-PLN-100 Datasheet
193Kb / 2P
100W Single Output Switching Power Supply
PLN-100 MEANWELL-PLN-100 Datasheet
99Kb / 1P
30~60W Single Output with PFC
PLN-100 MEANWELL-PLN-100 Datasheet
228Kb / 3P
100W Single Output Switching Power Supply
PLN-100 MEANWELL-PLN-100 Datasheet
231Kb / 3P
100W Single Output Switching Power Supply
logo
FranMar International I...
PLN-100 FRANMAR-PLN-100 Datasheet
103Kb / 3P
Power Supply
2017-07-14
More results

Similar Description - PLN

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
A9784-BL COILCRAFT-A9784-BL Datasheet
152Kb / 3P
Planar Transformers
logo
Frontier Electronics.
PT FRONTIER-PT Datasheet
182Kb / 2P
PLANAR TRANSFORMERS
logo
Dongguan Mentech Optica...
TPEIR19-0150SG MNC-TPEIR19-0150SG Datasheet
277Kb / 1P
PLANAR TRANSFORMERS
TPEIR20-0177SG MNC-TPEIR20-0177SG Datasheet
253Kb / 1P
PLANAR TRANSFORMERS
TPEIR25-0063SG MNC-TPEIR25-0063SG Datasheet
159Kb / 1P
PLANAR TRANSFORMERS
TPEIR25-0114SG MNC-TPEIR25-0114SG Datasheet
161Kb / 1P
PLANAR TRANSFORMERS
TPEIR25-0179SG MNC-TPEIR25-0179SG Datasheet
262Kb / 1P
PLANAR TRANSFORMERS
TPEIR32-0222SG MNC-TPEIR32-0222SG Datasheet
784Kb / 1P
PLANAR TRANSFORMERS
TPEIR34-0230DG MNC-TPEIR34-0230DG Datasheet
151Kb / 1P
PLANAR TRANSFORMERS
TPER30-0010SG MNC-TPER30-0010SG Datasheet
249Kb / 1P
PLANAR TRANSFORMERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com