Electronic Components Datasheet Search
  English  ▼

X  

SFH615AA Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SFH615AA
Description  Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH615AA Datasheet(HTML) 2 Page - Vishay Siliconix

  SFH615AA Datasheet HTML 1Page - Vishay Siliconix SFH615AA Datasheet HTML 2Page - Vishay Siliconix SFH615AA Datasheet HTML 3Page - Vishay Siliconix SFH615AA Datasheet HTML 4Page - Vishay Siliconix SFH615AA Datasheet HTML 5Page - Vishay Siliconix SFH615AA Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SFH615AA, SFH615AGB, SFH615AGR, SFH615AY
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 21-Feb-18
2
Document Number: 83672
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability.
(1) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering conditions for through
hole devices (DIP).
Note
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6V
DC forward current
IF
60
mA
Surge forward current
tP  10 ms
IFSM
2.5
A
Power dissipation
Pdiss
100
mW
OUTPUT
Collector emitter voltage
VCEO
70
V
Emitter collector voltage
VECO
7V
Collector current
IC
50
mA
tP  10 ms
IC
100
mA
Total power dissipation
Pdiss
150
mW
COUPLER
Isolation test voltage
between emitter and detector
VISO
5300
VRMS
Creepage distance
7mm
Clearance distance
7mm
Isolation thickness between emitter
and detector Comparative tracking
index per DIN IEC 112/VDE 0303, part 1
CTI
175
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
1012
VIO = 500 V, Tamb = 100 °C
RIO
1011
Storage temperature range
Tstg
-55 to +150
°C
Ambient temperature range
Tamb
-55 to +100
°C
Soldering temperature (1)
max. 10 s, dip soldering distance
to seating plane
 1.5 mm
Tsld
260
°C
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 60 mA
VF
-
1.25
1.65
V
Reverse current
VR = 6 V
IR
-0.01
10
μA
Capacitance
VR = 0 V, f = 1 MHz
CO
-13
-
pF
Thermal resistance
Rthja
-
750
-
K/W
OUTPUT
Collector emitter capacitance
VCE = 5 V, f = 1 MHz
CCE
-5.2
-
pF
Thermal resistance
Rthja
-
500
-
K/W
Collector emitter saturation
voltage
IF = 10 mA, IC = 2.5 mA
VCEsat
-
0.25
0.4
V
Coupling capacitance
CC
-0.4
-
pF
COUPLER
Collector emitter leakage
current
VCEO = 10 V
SFH615AA
ICEO
-10
100
nA
SFH615AGB
ICEO
-10
100
nA
SFH615AGR
ICEO
-10
100
nA
SFH615AY
ICEO
-10
100
nA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com