Electronic Components Datasheet Search
  English  ▼

X  

V Datasheet(PDF) 2 Page - C&K Components

Part # V
Description  Power & Line Voltage Select Slide Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

V Datasheet(HTML) 2 Page - C&K Components

  V Datasheet HTML 1Page - C&K Components V Datasheet HTML 2Page - C&K Components V Datasheet HTML 3Page - C&K Components V Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
I–34
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
I
V Series
Power & Line Voltage Select Slide Switches
SWITCH FUNCTION
ACTUATOR
MOUNTING STYLE
PANEL MOUNTING
SS  PANEL WITH MOUNTING EARS
MA  RIGHT ANGLE, PC THRU-HOLE
14  SCREWDRIVER SLOT
WITH MARKINGS
13  SCREWDRIVER SLOT
NO MARKING
12 SCREWDRIVER SLOT
WITH MARKING
02  .290” HIGH
WITH MARKINGS
01 .290” HIGH
NO.
POLES
MODEL
NO.
SWITCH
FUNCTION
SCHEMATIC
AVAILABLE
MOUNTING
STYLES
SP
V701
SPST
ALL
V702
SPDT
ALL
NO.
POLES
MODEL
NO.
SWITCH
FUNCTION
SCHEMATIC
AVAILABLE
MOUNTING
STYLES
DP
V801
DPST
ALL
V802
DPDT
ALL
Actuator color is red with white
115V-230V markings (std.).
Actuator color is black.
markings are reversed on V702
and V802 models. Actuator color
is black with white markings (std.).
Actuator color is red.
Markings are reversed on
V702 and V802 models.
Actuator color is red with
white markings (std.).
Note: Orientation of
actuator markings
and terminals.
AVAILABLE WITH:
Models: All.
Terminations: 02 and 05
AVAILABLE WITH:
Models: All
Terminations: 08
PC MOUNTING
PC mount, side actuated.
For mounting information,
see TERMINATIONS section, page I-36.
V80212SS05Q
DPDT
V80212MA08Q
Horizontal Actuation
DPDT
All models
with all options.
Contacts make on side actuator thrown.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com