Electronic Components Datasheet Search
  English  ▼

X  

MPS Datasheet(PDF) 2 Page - C&K Components

Part # MPS
Description  Magnetic Proximity Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

MPS Datasheet(HTML) 2 Page - C&K Components

  MPS Datasheet HTML 1Page - C&K Components MPS Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
E
E–31
Dimensions are shown: inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
MPS Series
Magnetic Proximity Sensors
Third Angle
Projection
Actuating Positions
When installing recessed and surface mount contacts, magnet position
is very important. The switch and magnet must always be parallel or
end to end, and never in a ‘T’ configuration.
Gap Distance
Gap distance is a combination of the horizontal and vertical plane
separation of the switch and magnet. Example: if a recessed magnet
is 1/4” off the centerline of the switch, the make gap is reduced by
1/4”
Correct Configuration
Incorrect Configuration
Center Alignment
Off Center Alignment
1 1/4"
Make
Gap
1"
Make
Gap
1/4
,



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com