Electronic Components Datasheet Search
  English  ▼

X  

HT-508310LW Datasheet(PDF) 1 Page - Japan Automatic Machine Co., Ltd.

Part # HT-508310LW
Description  CS10K–JB-S AWG 30-28/24/26
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAM [Japan Automatic Machine Co., Ltd.]
Direct Link  https://www.jam-net.co.jp/eng/
Logo JAM - Japan Automatic Machine Co., Ltd.

HT-508310LW Datasheet(HTML) 1 Page - Japan Automatic Machine Co., Ltd.

  HT-508310LW Datasheet HTML 1Page - Japan Automatic Machine Co., Ltd. HT-508310LW Datasheet HTML 2Page - Japan Automatic Machine Co., Ltd. HT-508310LW Datasheet HTML 3Page - Japan Automatic Machine Co., Ltd. HT-508310LW Datasheet HTML 4Page - Japan Automatic Machine Co., Ltd. HT-508310LW Datasheet HTML 5Page - Japan Automatic Machine Co., Ltd. HT-508310LW Datasheet HTML 6Page - Japan Automatic Machine Co., Ltd. HT-508310LW Datasheet HTML 7Page - Japan Automatic Machine Co., Ltd. HT-508310LW Datasheet HTML 8Page - Japan Automatic Machine Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
INSTRUCTION MANUAL
BEDIENUNGSANLEITUNG
CS 10 K – JB-S AWG 30-28/24/26
Professional crimping hand tool
Professionelles Crimphandwerkzeug
Version
07/2022_REV.0
Language | Sprache
EN | DE
Item-No. | Artikel-Nr.
HT-508310LW
Errors and technical modification subject to change
Irrtümer und technische Änderungen vorbehalten


Similar Part No. - HT-508310LW

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HT-50-1 HIROSE-HT-50-1 Datasheet
305Kb / 5P
Stripline Mounting Non-reflective Terminations
logo
Taiyo Yuden (U.S.A.), I...
HT-50V101MH10-R2 TAIYO-YUDEN-HT-50V101MH10-R2 Datasheet
245Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HT]
HT-50V101MH10E-R2 TAIYO-YUDEN-HT-50V101MH10E-R2 Datasheet
244Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HT]
HT-50V101MH10EQ-R2 TAIYO-YUDEN-HT-50V101MH10EQ-R2 Datasheet
244Kb / 2P
FOR AUTOMOTIVE CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HT]
HT-50V101MH10EX-R2 TAIYO-YUDEN-HT-50V101MH10EX-R2 Datasheet
372Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HT1]
More results

Similar Description - HT-508310LW

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M80-2530042 HARWIN-M80-2530042 Datasheet
547Kb / 1P
DATAMATE TRIO-TEK FEMALE CRIMP CONTACT REELED 24-22 AWG & 28-26 AWG
M80-2830042 HARWIN-M80-2830042 Datasheet
125Kb / 1P
DATAMATE TRIO-TEK FEMALE CRIMP CONTACT LOOSE 24-22 AWG & 28-26 AWG
logo
AVX Corporation
00-9175 AVX-00-9175 Datasheet
1Mb / 7P
Standard 26-28 AWG: WTB
9175-700 AVX-9175-700 Datasheet
255Kb / 6P
Capped IDC 26-28 AWG: WTB
logo
Molex Electronics Ltd.
0570673700 MOLEX-0570673700 Datasheet
36Kb / 1P
S-1 Applicator for PicoBlade Receptacle Terminals, 28-32 and 26-28 AWG
08/25/2022
0571383700 MOLEX-0571383700 Datasheet
36Kb / 1P
S-1 Applicator for PicoBlade Terminals, 26-28 AWG and 28-32 AWG
08/26/2022
5780213710 MOLEX-5780213710 Datasheet
36Kb / 1P
S-1 Applicator for iGrid Terminals, 26-28 AWG
08/25/2022
5780693700 MOLEX-5780693700 Datasheet
35Kb / 1P
S-1 Applicator for Flexi-Mate Terminals, 26-28 AWG
08/25/2022
logo
Japan Automatic Machine...
HT-510430LW JAM-HT-510430LW Datasheet
309Kb / 8P
CS 10 K – JC-S AWG 30-28/22/24/26
07/2022_REV.0
JC-0109-19 JAM-JC-0109-19 Datasheet
43Kb / 1P
JB terminal JB Terminal S type S-Type
17.7.21
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com