Electronic Components Datasheet Search
  English  ▼

X  

JB-SERIES Datasheet(PDF) 1 Page - Japan Automatic Machine Co., Ltd.

Part # JB-SERIES
Description  2 Position Housing Connector Crimp 24-30 AWG
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAM [Japan Automatic Machine Co., Ltd.]
Direct Link  https://www.jam-net.co.jp/eng/
Logo JAM - Japan Automatic Machine Co., Ltd.

JB-SERIES Datasheet(HTML) 1 Page - Japan Automatic Machine Co., Ltd.

  JB-SERIES Datasheet HTML 1Page - Japan Automatic Machine Co., Ltd. JB-SERIES Datasheet HTML 2Page - Japan Automatic Machine Co., Ltd. JB-SERIES Datasheet HTML 3Page - Japan Automatic Machine Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JB
Board in
Connector
159
●端子はアングルとストレートの2タイプ。
●アングル、ストレートどちらのタイプもハウジング共用。
●Two types terminals, angle and straight, are available.
●Housing is common use for both angle and straight.
極数
Poles
2∼16P
極間ピッチ
Pitch between poles
2.0mm
定格電圧
Rated Voltage
AC.DC250V
定格電流
Rated Current
2A
耐電圧
Withstand Voltage
AC1000V/1分間
/min
絶縁抵抗
Insulation Resistance
500MΩ以上
over
使用温度範囲
Temperature Range
−20∼+85℃
適用プリント基板厚み
Applicable P.C.B. Thickness
1.2∼1.6mm
適用プリント基板穴径
Applicable P.C.B. Hole dia.
φ0.9mm(両サイド / Both sides φ0.8±0.05mm)
適用電線範囲
Wire Size
AWG ♯24∼♯30
ファイル番号
File No.
UL
E 120251
極間ピッチ
Pitch between poles
2.0mm
JB
製品名
Product Name
ピッチ
コネクタ
JB connector
特長
FEATURES
仕様
SPECIFICATION
取得規格
APPLIED REGULATIONS


Similar Part No. - JB-SERIES

ManufacturerPart #DatasheetDescription
logo
Zemic Europe B.V.
JB-SS304 ZEMIC-JB-SS304 Datasheet
495Kb / 3P
Type JB-SS304 Junction Box
2023.09
More results

Similar Description - JB-SERIES

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0502128000 MOLEX7-0502128000 Datasheet
106Kb / 3P
2.00mm (.079") Pitch Crimp Terminal, Female, 24-30 AWG, Reel
0700580096 MOLEX8-0700580096 Datasheet
109Kb / 2P
SL Crimp Terminal 70058, 24-30 AWG, Loose, Tin (Sn)
1044408041 MOLEX11-1044408041 Datasheet
96Kb / 3P
2.00mm (.079") Pitch Crimp Terminal, Female, 24-30 AWG, Reel
logo
Tyco Electronics
2-106527-0 MACOM-2-106527-0 Datasheet
99Kb / 1P
AMP-DUAC (TM) RECEPTACLE HOUSING, 2 TO 24 POSITION
2-106527-2 MACOM-2-106527-2 Datasheet
99Kb / 1P
AMP- DUAC (TM) RECEPTACLE HOUSING, 2 TO 24 POSITION
2-106527-4 MACOM-2-106527-4 Datasheet
99Kb / 1P
AMP-DUAC (TM) RECEPTACLE HOUSING, 2 TO 24 POSITION
logo
Molex Electronics Ltd.
63819-0500 MOLEX11-63819-0500 Datasheet
49Kb / 1P
Hand Crimp Tool for 2.00mm Pitch Terminal, 24-30 AWG
63900-3100 MOLEX11-63900-3100 Datasheet
50Kb / 1P
FineAdjust Applicator for Female Crimp Terminal, 24-30 AWG Wire
0638190500 MOLEX-0638190500 Datasheet
39Kb / 2P
Hand Crimp Tool for 2.00mm Pitch Terminal, 24-30 AWG
08/26/2022
logo
Japan Automatic Machine...
JC-SERIES JAM-JC-SERIES Datasheet
244Kb / 3P
5 Position Housing Connector Crimp 22-30 AWG
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com