Electronic Components Datasheet Search
  English  ▼

X  

STQ-2016 Datasheet(PDF) 2 Page - SIRENZA MICRODEVICES

Part # STQ-2016
Description  700-2500 MHz Direct Quadrature Modulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

STQ-2016 Datasheet(HTML) 2 Page - SIRENZA MICRODEVICES

  STQ-2016 Datasheet HTML 1Page - SIRENZA MICRODEVICES STQ-2016 Datasheet HTML 2Page - SIRENZA MICRODEVICES STQ-2016 Datasheet HTML 3Page - SIRENZA MICRODEVICES STQ-2016 Datasheet HTML 4Page - SIRENZA MICRODEVICES STQ-2016 Datasheet HTML 5Page - SIRENZA MICRODEVICES STQ-2016 Datasheet HTML 6Page - SIRENZA MICRODEVICES STQ-2016 Datasheet HTML 7Page - SIRENZA MICRODEVICES STQ-2016 Datasheet HTML 8Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
303 South Technology Court Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
2
EDS-102083 Rev F
STQ-2016 Direct Quadrature Modulator
Test Conditions
(for all product specification tables unless otherwise noted)
VCC (pins 2,10,15)
+5V
TA
+25ºC
Baseband Input
(Pins 1, 8, 9, 16)
1.9V DC bias, 200kHz fre-
quency, 300mVp-p per pin =
600mVp-p differential drive, I
and Q signals in quadrature
LO Input
(Pins 4, 5)
-5dBm @ 1960 MHz
Product Specifications – Miscellaneous: TA = 25ºC
Parameters
Additional Test Conditions
Unit
Min.
Typ.
Max.
Shut-Down Attenuation
dB
60
Shut-Down Pin Resistance
@ 1MHz
kohm
11.9
Shut-Down Pin Capacitance
@ 1MHz
pF
5.2
Shut-down Control
Voltage Thresholds
Shut-down disabled (normal operation)
V
3.75
Vcc
Shut-down enabled
V
0.0
1.5
Shut-Down Settling Time
ns
<450
Product Specifications - LO Input: TA = 25ºC
Parameters
Additional Test Conditions
Unit
Min.
Typ.
Max.
LO Frequency
MHz
700
2500
LO Drive Level
dBm
-8-5-2
LO Port Return Loss
matched to 50
Ω (refer to schematics on pages 6 & 7)
dB
16
Product Specifications - Baseband Modulation Input: TA = 25ºC
Parameters
Additional Test Conditions
Unit
Min.
Typ.
Max.
Baseband Frequency Input
-3dB bandwidth, baseband inputs terminated in 50 ohms
MHz
DC
500
Baseband Input Resistance
per pin
kohms
4.4
Baseband Input Capacitance
per pin
pF
0.5
C a r r ie r S uppr e s s io n v s . O u t p u t P o w e r
0
5
10
15
20
25
30
35
40
14 00
15 00
16 00
17 00
1 800
1 900
2000
C a rri e r Fre que n c y [M H z ]
S S B P o u t = -12 .5 dB m
S S B P o ut = 0d B m



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com