Electronic Components Datasheet Search
  English  ▼

X  

LAD-360DU Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # LAD-360DU
Description  360W Economical Security/Fire Alarm PSU with Battery Charger/UPS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LAD-360DU Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  LAD-360DU Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LAD-360DU Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LAD-360DU Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. LAD-360DU Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. LAD-360DU Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. LAD-360DU Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. LAD-360DU Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. LAD-360DU Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. LAD-360DU Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Derating Curve
Static Characteristics
Block Diagram
fosc : 65KHz
AMBIENT TEMPERATURE (℃)
(HORIZONTAL)
90
95
100
105
110
115
120
125
132
180
190
200
210
220
230
240
250
264
90
100
80
70
60
50
40
180 ~ 264VAC
90 ~ 132VAC
INPUT VOLTAGE (VAC) 60Hz
CIRCUIT
DETECTION
O.L.P.
EMI FILTER
RECTIFIERS
SWITCHING
FILTER
&
RECTIFIERS
BAT. CHARGER
CONTROL
O.V.P.
&
START
CIRCUIT
ACTIVE
AC Fail
PWM
POWER
TTL Signal
Discharge
File Name:LAD-360-SPEC 2022-10-14
20
40
60
80
100
-10
10
30
50
-20
0
20
40
60
Battery low
BUZZER ALARM
Force start
MCU
UART_TX
 
UART_RX
(LAD-360x only)
(LAD-360xUonly)
Battery full
Battery disconnect/
polarity reverse
+V
BAT+
-V
I/P
FG
BAT-
UPS
FUNCTION
360W Economical Security/Fire Alarm PSU with Battery Charger/UPS
L A D - 3 6 0 series
AC
ON/OFF
S.W
RELAY
S.W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com