Electronic Components Datasheet Search
  English  ▼

X  

52220140 Datasheet(PDF) 1 Page - Lapp.

Part # 52220140
Description  Bushing Black
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

52220140 Datasheet(HTML) 1 Page - Lapp.

  52220140 Datasheet HTML 1Page - Lapp. 52220140 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
52220110
DATA SHEET
Valid from:
13.08.2021
SKINTOP® MULTI-M
Created: MAAU1 /PDP
Released: DAMU1/PDP
Document: DB52220110EN
Version: 05
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
The innovative multi-cable gland SKINTOP
® MULTI-M is a
polycarbonate shell with a gel insert as a sealing component.
It provides an ideal sealing with a maximal packing density
of a lot cables with different diameters. Due to the elastic gel
membrane technology, it is possible to push the cable through
and connect it directly. To ensure an optimum strain relief,
the cable bundle can be fixed with help of a cable tie.
Material:
Shell:
Polycarbonate (PC)
Seal:
Gel
O-Ring:
NBR
Technical characteristics:
Protection class:
IP66, IP67 and IP68 (0,1bar / 60min) in acc. to EN 60529
Type Rating 1, 5 (Indoor) in acc. To UL50 E
Strain relief:
Retention in acc. to EN 62444
Temperature range:
-20°C up to +100°C (UL: +50°C) (with o-ring)
-30°C up to +100°C (UL: +50°C) (without o-ring)
Material features:
Self-extinguishing V-2 acc. to UL 94
Oil, UV and ozone resistant
Color:
Black
Types:
Part No.
Part name
Max. number of
terminals
Number of cable x cable-Ø
52220140
SKINTOP
® MULTI-M25
4
4x Ø2-6mm
52220146
SKINTOP
® MULTI-M32
8
8x Ø2-6mm
52220110
SKINTOP
® MULTI-M40
12
2x Ø1-4mm; 10x Ø2-6mm
52220111
SKINTOP
® MULTI-M50
18
18x Ø2-6mm
52220112
SKINTOP
® MULTI-M63
30
30x Ø2-6mm
Approbation:


Similar Part No. - 52220140

ManufacturerPart #DatasheetDescription
logo
Lapp.
52220101 LAPP-52220101 Datasheet
457Kb / 4P
SKINTOP® MULTI
13.08.2021
52220104 LAPP-52220104 Datasheet
457Kb / 4P
SKINTOP® MULTI
13.08.2021
52220160 LAPP-52220160 Datasheet
716Kb / 4P
SKINTOP® MULTI VENT
27.04.2021
52220162 LAPP-52220162 Datasheet
716Kb / 4P
SKINTOP® MULTI VENT
27.04.2021
More results

Similar Description - 52220140

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
561-MP3P4 ETC2-561-MP3P4 Datasheet
175Kb / 1P
Strain Relief Bushing
logo
Glenair, Inc.
M28840-22-S10 GLENAIR-M28840-22-S10 Datasheet
75Kb / 1P
Metal Conduit Bushing
logo
List of Unclassifed Man...
561-MP1010 ETC2-561-MP1010 Datasheet
273Kb / 2P
Mini Insulating Bushing
logo
Molex Electronics Ltd.
63890-0995 MOLEX11-63890-0995 Datasheet
33Kb / 1P
Bushing - Punch
logo
CUI INC
SJ2-3594X-SMT CUI-SJ2-3594X-SMT Datasheet
493Kb / 4P
brass bushing
SJ2-35344B-SMT-TR CUI-SJ2-35344B-SMT-TR Datasheet
458Kb / 4P
brass bushing
SJ2-35464A-SMT-TR CUI-SJ2-35464A-SMT-TR Datasheet
460Kb / 4P
brass bushing
logo
Harwin Plc
C90-3420-4 HARWIN-C90-3420-4 Datasheet
61Kb / 1P
RUBBER BUSHING
logo
Molex Electronics Ltd.
0638900995 MOLEX-0638900995 Datasheet
15Kb / 1P
Bushing - Punch
08/25/2022
logo
FIBOX Enclosing innovat...
3540534 FIBOX-3540534 Datasheet
52Kb / 1P
Threaded bushing
31.07.2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com