Electronic Components Datasheet Search
  English  ▼

X  

ESDA37LY Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDA37LY
Description  Automotive dual Transil™ array for ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA37LY Datasheet(HTML) 1 Page - STMicroelectronics

  ESDA37LY Datasheet HTML 1Page - STMicroelectronics ESDA37LY Datasheet HTML 2Page - STMicroelectronics ESDA37LY Datasheet HTML 3Page - STMicroelectronics ESDA37LY Datasheet HTML 4Page - STMicroelectronics ESDA37LY Datasheet HTML 5Page - STMicroelectronics ESDA37LY Datasheet HTML 6Page - STMicroelectronics ESDA37LY Datasheet HTML 7Page - STMicroelectronics ESDA37LY Datasheet HTML 8Page - STMicroelectronics ESDA37LY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
July 2017
DocID022075 Rev 2
1/12
This is information on a product in full production.
www.st.com
ESDALY
Automotive dual Transil™ array for ESD protection
Datasheet - production data
Features
AEC-Q101 qualified
Dual unidirectional Transil functions
Low leakage current: IR max. < 20 µA at VBR
300 W peak pulse power (8/20 µs)
Benefits
High ESD protection level: up to 25 kV
High integration
Suitable for high density boards
AEC-Q101 qualified
Complies with the following standards
ISO 10605: C = 330 pF, R = 330 Ω
30 kV (air discharge)
30 kV (contact discharge)
ISO 7637-3 fast transient
Pulse a: VS = -150 V
Pulse b: VS = +100 V
ISO 7637-3 slow transient
Positive pulse: VS = +85 V
Negative pulse : VS = -85 V
Applications
Where transient overvoltage protection in ESD
sensitive equipment is required, such as:
Entertainment
Signal communications
Connectivity
Comfort and convenience
Description
This device is a diode array designed to protect 1
line or 2 lines against ESD transients.
The device is ideal for applications where both
reduced line capacitance and board space saving
are required
It can also be used as bidirectional suppressor by
connecting only pin 1 and 2.
Figure 1: Functional diagram
SOT23-3L
1
2
3


Similar Part No. - ESDA37LY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA37L STMICROELECTRONICS-ESDA37L Datasheet
201Kb / 11P
Dual Transil??array for ESD protection
July 2017 Rev 5
More results

Similar Description - ESDA37LY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA25DB3 STMICROELECTRONICS-ESDA25DB3 Datasheet
48Kb / 5P
TRANSIL ARRAY FOR ESD PROTECTION
02-Apr-1000
ESDAXXL STMICROELECTRONICS-ESDAXXL Datasheet
60Kb / 6P
DUAL TRANSIL ARRAY FOR ESD PROTECTION
Mar-2000
logo
Leshan Radio Company
LESDAXXXLT1G LRC-LESDAXXXLT1G Datasheet
619Kb / 7P
Dual transil array for ESD protection
LESDA25VLT1G LRC-LESDA25VLT1G Datasheet
729Kb / 7P
Dual transil array for ESD protection
logo
STMicroelectronics
ESDA25LY STMICROELECTRONICS-ESDA25LY Datasheet
95Kb / 10P
Automotive dual Transil array for ESD protection
01-Feb-2010
logo
Leshan Radio Company
LESD6V8T1G LRC-LESD6V8T1G Datasheet
481Kb / 3P
Dual transil array for ESD protection
logo
STMicroelectronics
ESDALY STMICROELECTRONICS-ESDALY Datasheet
205Kb / 10P
Automotive dual Transil array for ESD protection
16-Feb-2012
ESDASCY STMICROELECTRONICS-ESDASCY Datasheet
235Kb / 12P
Automotive quad Transil™ array for ESD protection
September 2012 Rev 1
ESDAL STMICROELECTRONICS-ESDAL Datasheet
201Kb / 11P
Dual Transil??array for ESD protection
July 2017 Rev 5
ESDA37W STMICROELECTRONICS-ESDA37W Datasheet
218Kb / 10P
Dual Transil™ array for ESD protection
18-Dec-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com