Electronic Components Datasheet Search
  English  ▼

X  

74F805 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F805
Description  Hex 2-input NOR drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F805 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F805 Datasheet HTML 1Page - NXP Semiconductors 74F805 Datasheet HTML 2Page - NXP Semiconductors 74F805 Datasheet HTML 3Page - NXP Semiconductors 74F805 Datasheet HTML 4Page - NXP Semiconductors 74F805 Datasheet HTML 5Page - NXP Semiconductors 74F805 Datasheet HTML 6Page - NXP Semiconductors 74F805 Datasheet HTML 7Page - NXP Semiconductors 74F805 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product specification
74F805/74F1805
Hex 2-input NOR drivers
2
September 14, 1990
853-0037 00417
FEATURES
• High capacitive drive capability
• Choice of configuration
Corner VCC and GND – 74F805
Center VCC and GND – 74F1805
• Typical propagation delay of 2.3ns
TYPE
TYPICAL
PROPAGATION
DELAY
TYPICAL SUPPLY
CURRENT
( TOTAL)
74F805
2.3ns
10mA
74F1805
2.3ns
10mA
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
PKG DWG #
20–pin plastic DIP
N74F805N, N74F1805N
SOT146-1
20–pin plastic SOL
N74F805D, N74F1805D
SOT163-1
INPUT AND OUTPUT LOADING
AND FAN OUT TABLE
PINS
DESCRIPTION
74F
(U.L.)
HIGH/
LOW
LOAD VALUE
HIGH/LOW
Dna – Dnb
Data inputs
1.0/0.033
20
µA/20µA
Q0 – Q5
Data outputs
2400/80
48mA/48mA
NOTE: One (1.0) FAST unit load is defined as: 20
µA in the high
state and 0.6mA in the low state.
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20 VCC
D5b
D5a
Q5
D4b
D4a
Q4
D3b
D3a
Q3
D0a
D0b
Q0
D1a
D1b
Q1
D2a
D2b
Q2
GND
74F805
SF00456
LOGIC SYMBOL
VCC = Pin 20
GND = Pin 10
D0a D0b D1a
D2a D2b D3aD3b
D1b
Q0 Q1 Q2 Q3
36
9 11
1
2
45
78
12 13
Q4 Q5
14 17
D4aD4bD5a D5b
15 16 18 19
74F805
SF00457
IEC/IEEE SYMBOL
1
2
4
5
7
8
12
13
15
16
18
19
3
6
9
11
14
17
1
74F805
SF00458



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com