Electronic Components Datasheet Search
  English  ▼

X  

ENC Datasheet(PDF) 1 Page - C&K Components

Part # ENC
Description  Optical Encoder
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ENC Datasheet(HTML) 1 Page - C&K Components

  ENC Datasheet HTML 1Page - C&K Components ENC Datasheet HTML 2Page - C&K Components ENC Datasheet HTML 3Page - C&K Components ENC Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
K–33
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
K
13 Sep 22
ENC Series
Optical Encoder
Features/Benefits
• Clear detent/haptic feel
• Two channel, 2-bit code output
• Quadrature (Incremental type)
• Integrated pushbutton
• Panel mount with screw thread
• Cable and connector termination
Typical Applications
• Automotive interior control
• Industrial equipment
• Test & Instrumentation
• Medical equipment
Specifications
ROTARY
ELECTRICAL & MECHANICAL
OPERATING VOLTAGE: DC 5 ± 0.25V, 30mA max.
OUTPUT VOLTAGE: Logic high > 3V DC
Logic low < 1V DC
ROTATIONAL TORQUE: 265 gf-cm initially
MECHANICAL LIFE: 300K cycles
PUSHBUTTON
ELECTRICAL & MECHANICAL
OPERATING VOLTAGE: DC 5V, 10mA
INITIAL CONTACT RESISTANCE: 10 ohm max.
ACTUATION FORCE: 600 ± 20% gf
SHAFT TRAVEL: 0.74 ± 0.2mm
CONTACT BOUNCE: < 4ms make, < 10ms break
MECHANICAL LIFE: 300K cycles
Environmental Data
OPERATING TEMPERATURE: -40ºC to +90ºC
OPERATING RELATIVE HUMIDITY: <= 96% RH, +40ºC
STORAGE TEMPERATURE: -40ºC to +90ºC
Materials
ACTUATOR: Zinc Alloy
HOUSING FRAME: Zinc Alloy
DETENT ROTOR: POM, HB
DETENT SPRING: SUS
HOUSING UPPER: PA66, V0
HOUSING LOWER: POM, HB
PUSHBUTTON DOME: SUS
Build-A-Switch
Product specifications and technical information listed above are for standard offer on Optical Encoder. For special options and
custom request, please contact your sales representative.
Series
ENC Series encoder
Type
OS
Optical model S (STD)
Operating Voltage
5
5V
Terminations
C Connector
R Right angle connector
Positions
16 16 position or 22.5°
24 24 position or 15°
Detent
D2 265gf*cm torque
Switch
S6 Switch 6N op force
E
N
C
O
S
2
S
6
5
D
NEW


Similar Part No. - ENC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
ENC-03J MURATA1-ENC-03J Datasheet
165Kb / 6P
PIEZOELECTRIC VIBRATING GYROSCOPE ENV-05D SERIES
ENC-03JA MURATA1-ENC-03JA Datasheet
165Kb / 6P
PIEZOELECTRIC VIBRATING GYROSCOPE ENV-05D SERIES
ENC-03JB MURATA1-ENC-03JB Datasheet
165Kb / 6P
PIEZOELECTRIC VIBRATING GYROSCOPE ENV-05D SERIES
ENC-03JC MURATA1-ENC-03JC Datasheet
165Kb / 6P
PIEZOELECTRIC VIBRATING GYROSCOPE ENV-05D SERIES
logo
Murata Manufacturing Co...
ENC-03M MURATA-ENC-03M Datasheet
169Kb / 2P
Operating Temperature Range
More results

Similar Description - ENC

ManufacturerPart #DatasheetDescription
logo
CUI INC
C14 CUI-C14_10 Datasheet
412Kb / 5P
panel mount optical encoder
logo
Bourns Electronic Solut...
ENC1J-D28-L00128L BOURNS-ENC1J-D28-L00128L Datasheet
252Kb / 3P
Rotary Optical Encoder
ENC1J-D28-L00128L BOURNS-ENC1J-D28-L00128L_12 Datasheet
274Kb / 3P
Rotary Optical Encoder
logo
List of Unclassifed Man...
L25G-F3-SB-2000-ABZC ETC2-L25G-F3-SB-2000-ABZC Datasheet
738Kb / 3P
L25 Incremental Optical Encoder
logo
Nippon Precision Circui...
SMD-01 NPC-SMD-01 Datasheet
259Kb / 10P
Optical Encoder Head
logo
List of Unclassifed Man...
H25D-SS-2000-ABZC-28V ETC2-H25D-SS-2000-ABZC-28V Datasheet
598Kb / 2P
H25 Incremental Optical Encoder
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-973X AVAGO-HEDS-973X Datasheet
634Kb / 11P
Small Optical Encoder Modules
HEDS-978X AVAGO-HEDS-978X Datasheet
551Kb / 7P
Small Optical Encoder Modules
logo
Lin Eng. Inc.
E4T LINENGINEERING-E4T Datasheet
365Kb / 5P
OPTICAL ENCODER
E8T LINENGINEERING-E8T Datasheet
453Kb / 4P
OPTICAL ENCODER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com