Electronic Components Datasheet Search
  English  ▼

X  

P Datasheet(PDF) 1 Page - C&K Components

Part # P
Description  4 Tumbler Snap-in Switchlocks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

P Datasheet(HTML) 1 Page - C&K Components

  P Datasheet HTML 1Page - C&K Components P Datasheet HTML 2Page - C&K Components P Datasheet HTML 3Page - C&K Components P Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
L–18
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
L
Models Available
P Series
4 Tumbler Snap-in Switchlocks
Features/Benefits
• Snap-in mounting
• Multi-pole and multi-position
• Positive detent
Typical Applications
• Computers
• Communication equipment
Specifications
CONTACT RATING: Q contact material: 4 AMPS @ 125 V AC;
1 AMP @ 250 V AC (UL) See page L-20 for additional ratings.
ELECTRICAL LIFE: 10,000 make-and-break cycles at full load.
CONTACT RESISTANCE: Below 10 m Ω typ. initial @
2-4 V DC, 100 mA for both silver and gold plated contacts.
INSULATION RESISTANCE: 109 Ω min.
DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level.
INDEXING: 45º or 90º, 2-3 positions.
Materials
SWITCH HOUSING & LOCK: One piece construction,
6/6 Nylon (UL 94V-2), black
4 disc tumbler mechanism.
KEYS: One nickel plated brass key and one key with insert
molded plastic head.
TUMBLERS: Disc tumblers, brass.
CONTACTS & TERMINALS: Q contact material: Copper, silver
plated. See page L-20 for additional contact materials.
NOTE: Any models supplied with Q or B contact material are RoHS compliant.
NOTE: Specifications and materials listed above are for switchlocks with standard options.
For information on specific and custom switchlocks, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages L–19 and L–21. For additional options not shown in catalog, consult Customer Service Center.
Switch and Lock Function
P10113 SP, 90º Index, keypull pos. 1
P20113 DP, 90º Index, keypull pos. 1 & 2
P100AF SP, 45º Index, keypull pos. 1, 2 & 3
P200AF DP, 45º Index, keypull pos. 1, 2 & 3
P1011U SP, 90º Index, keypull pos. 1 & 2
Contact Material
Q Silver
G Gold over silver
Keying
2 Two nickel plated brass keys
T One nickel plated brass key
with insert molded plastic
square head and one
nickel plated brass key
Lock Finish
M Plastic lock with matte finish
Terminations
03 Solder lug
WC Wire lead
Lock Color
2 Black
28 Jan 21
Lock Type
C 4 tumbler lock with detent
Key Color
2 Black
NONE Nickel plated brass


Similar Description - P

ManufacturerPart #DatasheetDescription
logo
ITT Industries
P101132CM03Q22 ITT-P101132CM03Q22 Datasheet
370Kb / 4P
4 Tumbler Snap-in Switchlocks
PF011UEBM03KQ22 ITT-PF011UEBM03KQ22 Datasheet
282Kb / 4P
5 Tumbler Miniature Snap-in Switchlocks
PM0613EBM05KQ22 ITT-PM0613EBM05KQ22 Datasheet
260Kb / 3P
5 Tumbler Miniature Snap-in Switchlocks
YF01132C2803NQ ITT-YF01132C2803NQ Datasheet
356Kb / 4P
4 Tumbler Miniature Switchlocks
YM06132C205NQ ITT-YM06132C205NQ Datasheet
319Kb / 3P
4 Tumbler Miniature Switchlocks
logo
C&K Components
PF011UEBM03KQ22 CK-COMPONENTS-PF011UEBM03KQ22 Datasheet
202Kb / 4P
5 Tumbler Miniature Snap-in Switchlocks
PM0613EBM05KQ22 CK-COMPONENTS-PM0613EBM05KQ22 Datasheet
181Kb / 3P
5 Tumbler Miniature Snap-in Switchlocks
YF01132C203NQ CK-COMPONENTS-YF01132C203NQ Datasheet
211Kb / 4P
4 Tumbler Miniature Switchlocks
YM06132C205NQ CK-COMPONENTS-YM06132C205NQ Datasheet
182Kb / 3P
4 Tumbler Miniature Switchlocks
PM CK-COMPONENTS-PM Datasheet
385Kb / 3P
5 Tumbler Miniature Snap-in Switchlocks
27 Jun 22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com