Electronic Components Datasheet Search
  English  ▼

X  

P20113 Datasheet(PDF) 2 Page - C&K Components

Part # P20113
Description  4 Tumbler Snap-in Switchlocks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

P20113 Datasheet(HTML) 2 Page - C&K Components

  P20113 Datasheet HTML 1Page - C&K Components P20113 Datasheet HTML 2Page - C&K Components P20113 Datasheet HTML 3Page - C&K Components P20113 Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
L–19
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
L
KEYING
.798
(20,26)
1.635
(41,52)
.775
(19,68)
NICKEL PLATED BRASS KEY
Key part number: 115140126
Code number on this side,
logo on opposite side.
TERMINAL NUMBERS
MOLDED ON HOUSING
= Detent Positions (45
º or 90º)
= Key pull possible in these positions.
= Stop Positions
LEGEND
TERMINAL NUMBERS
Terminal numbers
molded on housing.
Part number shown: P100AFTCM03Q22
NOTE: All orders keyed alike with
code number on key. For more
than one key code, replacement
keys, or other special features,
consult Customer Service Center.
All models
with all options when ordered with ‘Q’ contact material.
P Series
4 Tumbler Snap-in Switchlocks
SWITCH AND LOCK FUNCTION
Positions 1, 2 & 3
1-2
1-2, 5-6
8-1
8-1, 4-5
P100AF
P200AF
DP
Position 1
1-3
1-3, 5-7
8-1
8-1, 4-5
P10113
P20113
SP
DP
INDEXING
LOCK
CONFIGURATION
KEY PULL
POSITIONS
CONNECTED TERMINALS
POS. 1
POS. 2
POS. 3
MODEL
NO.
NO.
POLES
90º
2-3
2-3, 6-7
45º
Positions 1 & 2
1-3
8-1
P1011U
SP
90º
.948
(24,07)
1.766
(44,85)
.775
(19,68)
NICKEL PLATED BRASS KEY WITH
PLASTIC INSERT MOLDED SQUARE HEAD
Key part number: 11599112602
POS. 1
POS. 2
POS. 1
POS. 3
POS. 2
POS. 1
POS. 2
NO
YES
1 NICKEL PLATED BRASS KEYS, WITH
PLASTIC INSERT MOLDED SQUARE HEAD &
1 NICKEL PLATED BRASS KEY
T
NO
YES
2 NICKEL PLATED BRASS KEYS
2
CODE NO.
ON LOCK
CODE NO.
ON KEY
KEYING OPTIONS
OPTION
CODE
28 Jan 21



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com