Electronic Components Datasheet Search
  English  ▼

X  

R Datasheet(PDF) 2 Page - C&K Components

Part # R
Description  ROTA-SLIDE® Rotary Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

R Datasheet(HTML) 2 Page - C&K Components

  R Datasheet HTML 1Page - C&K Components R Datasheet HTML 2Page - C&K Components R Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
K–19
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
K
Third Angle
Projection
R Series
ROTA-SLIDE® Rotary Switches
SWITCH FUNCTION
ACTUATOR
DP MODELS 36º INDEXING
SCHEMATIC
SP MODELS 36º INDEXING
SCHEMATIC
15  SCREWDRIVER SLOT
07  .50019” HIGH WITH .156” FLAT
05  .375”19 HIGH WITH .156” FLAT
NOTE: Break-before-make contacts. Actuators and contacts are shown in position 1.
No common terminal is present. Switching function is provided by movable contacts
shorting adjacent pairs of stationary contacts.
Part number show: R10007RR03Q
Shown with ‘RR’ mounting style.
For mounting styles without bushing,
add .250 (6,35) to actuator length.
Shown with ‘RN’ mounting style.
Arrow on actuator marked red (std.).
Shown with ‘RS’ mounting style.
All models
with all options when
ordered with ‘Q’ contact material.
10-1-2-3-4
4 Position
R104
10-1-2-3
3 Position
R103
All Terminals
10 Position
No Stops
R100
SP
TERMINALS
SWITCH
FUNCTION
MODEL
NO.
NO.
POLES
SP MODELS 36º INDEXING
10-1-2-3-4-5-6-7-8
8 Position
R108
All Terminals
5 Position
R205
All Terminals
4 Position
R204
10-1-2-3,5-6-7-8
3 Position
R203
DP
TERMINALS
SWITCH
FUNCTION
MODEL
NO.
NO.
POLES
DP MODELS 36º INDEXING



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com