Electronic Components Datasheet Search
  English  ▼

X  

74F823 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # 74F823
Description  Bus interface registers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F823 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 74F823 Datasheet HTML 8Page - NXP Semiconductors 74F823 Datasheet HTML 9Page - NXP Semiconductors 74F823 Datasheet HTML 10Page - NXP Semiconductors 74F823 Datasheet HTML 11Page - NXP Semiconductors 74F823 Datasheet HTML 12Page - NXP Semiconductors 74F823 Datasheet HTML 13Page - NXP Semiconductors 74F823 Datasheet HTML 14Page - NXP Semiconductors 74F823 Datasheet HTML 15Page - NXP Semiconductors 74F823 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Philips Semiconductors
Product specification
74F821/822/823/824/825/826
Bus interface registers
1996 Jan 05
12
AC ELECTRICAL CHARACTERISTICS FOR 74F823
LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
Tamb = +25°C
VCC = +5.0V
CL = 50pF
RL = 500Ω
Tamb = 0°C to +70°C
VCC = +5.0V ± 10%
CL = 50pF
RL = 500Ω
Tamb = –40°C to +85°C
VCC = +5.0V ± 10%
CL = 50pF
RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
fmax
Maximum clock frequency
Waveform 1
150
180
140
130
ns
tPLH
tPHL
Propagation delay
CP to Qn or Qn
Waveform 1
4.0
4.0
6.5
6.0
8.5
8.5
4.0
3.5
9.5
9.0
4.0
3.5
10.0
9.0
ns
tPHL
Propagation delay
MR to Qn or Qn
Waveform 2
3.0
5.0
8.0
3.0
8.0
3.0
8.5
ns
tPZH
tPZL
Output enable time
OEn to Qn or Qn
Waveform 4
Waveform 5
2.0
3.0
4.5
5.0
8.0
8.0
2.0
2.5
9.0
9.0
2.0
2.5
11.0
9.0
ns
tPHZ
tPLZ
Output disable time
OEn to Qn or Qn
Waveform 4
Waveform 5
1.5
1.5
3.5
3.5
6.5
6.5
1.5
1.5
7.5
7.5
1.5
1.5
8.5
8.5
ns
AC SETUP REQUIREMENTS FOR 74F823
LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
Tamb = +25°C
VCC = +5.0V
CL = 50pF
RL = 500Ω
Tamb = 0°C to +70°C
VCC = +5.0V ± 10%
CL = 50pF
RL = 500Ω
Tamb = –40°C to +85°C
VCC = +5.0V ± 10%
CL = 50pF
RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tsu (H)
tsu (L)
Setup time, high or low
Dn to CP
Waveform 3
1.0
1.0
1.0
1.0
2.0
1.5
ns
th (H)
th (L)
Hold time, high or low
Dn to CP
Waveform 3
2.0
2.0
2.0
2.0
2.5
2.0
ns
tw (H)
tw (L)
CP Pulse width,
high or low
Waveform 1
3.5
3.5
4.0
4.0
4.0
4.0
ns
tsu (H)
tsu (L)
Setup time, high or low,
CE to CP
Waveform 3
0.0
2.0
0.0
2.0
0.0
2.0
ns
th (H)
th (L)
Hold time, high or low
CE to CP
Waveform 3
0.0
3.0
0.0
3.5
1.5
4.0
ns
tw (L)
MR Pulse width,
low
Waveform 2
4.5
4.5
4.5
ns
trec
Recovery time,
MR to CP
Waveform 2
2.5
2.5
2.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com