Electronic Components Datasheet Search
  English  ▼

X  

STB185N55 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STB185N55
Description  N-channel 55V - 2.9mohm - 120A - D2PAK/TO-220
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB185N55 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STB185N55 Datasheet HTML 3Page - STMicroelectronics STB185N55 Datasheet HTML 4Page - STMicroelectronics STB185N55 Datasheet HTML 5Page - STMicroelectronics STB185N55 Datasheet HTML 6Page - STMicroelectronics STB185N55 Datasheet HTML 7Page - STMicroelectronics STB185N55 Datasheet HTML 8Page - STMicroelectronics STB185N55 Datasheet HTML 9Page - STMicroelectronics STB185N55 Datasheet HTML 10Page - STMicroelectronics STB185N55 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
STB185N55 - STP185N55
Package mechanical data
7/12
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at : www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com