Electronic Components Datasheet Search
  English  ▼

X  

TP5700AN Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TP5700AN
Description  Telephone Speech Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TP5700AN Datasheet(HTML) 6 Page - National Semiconductor (TI)

  TP5700AN Datasheet HTML 1Page - National Semiconductor (TI) TP5700AN Datasheet HTML 2Page - National Semiconductor (TI) TP5700AN Datasheet HTML 3Page - National Semiconductor (TI) TP5700AN Datasheet HTML 4Page - National Semiconductor (TI) TP5700AN Datasheet HTML 5Page - National Semiconductor (TI) TP5700AN Datasheet HTML 6Page - National Semiconductor (TI) TP5700AN Datasheet HTML 7Page - National Semiconductor (TI) TP5700AN Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Applications Information
The TP5700A and TP5700 are flexible circuits designed
with several user adjustments to enable the performance to
be optimized for different applications The choice of trans-
ducer types and the cavities in which they are mounted will
also greatly influence the acoustic performance of the tele-
phone Some of the consequences of circuit adjustments
are as follows
RDC ADJUSTMENT
56X is the recommended value for RDC if it is required to
meet a maximum Tip-Ring voltage of 45V on a 20 mA loop
(assuming no more than 14V is dropped across the polarity
guard) If a higher Tip-Ring voltage is acceptable RDC may
be increased which will provide a small increase in the
available transmit output voltage swing before clipping oc-
curs RDC should be less than 82X to avoid exceeding the
maximum rated voltage on a short loop
RAGC ADJUSTMENT
The available AGC range is more than adequate to compen-
sate for the loss of most loops RAGC should be chosen
only to partly compensate for the anticipated maximum loop
loss as over-compensation may tend to exaggerate the var-
iations of sidetone with loop length
SIDETONE ADJUSTMENT
The component values used for ZBAL should be selected to
provide a clear sidetone sound without excessive ‘‘hollow-
ness’’ The capacitor value and ratio of the two resistors will
fix the pole location To avoid reducing the low voltage per-
formance of the circuit the sum of the two resistors should
not exceed 10 kX
POWERING ELECTRET MICROPHONES
Electret microphones with integral FET buffers are available
in both two-wire and three-wire versions and a range of op-
erating voltage ranges There are four methods of powering
the microphone
1 The 12V VREG2 output provides the lowest voltage meth-
od for microphones rated down to 1V VREG2 must be
decoupled with a 1 mF capacitor to ground (See
Figure
5 )
2 If VREG1 is not required for DTMF generator operation it
may be used to provide up to 200 mA for microphone
power
3 VBIAS (pin 15) may be used as a decoupled but unregu-
lated supply for electrets requiring a higher operating
voltage than VREG1 or VREG2 The additional current
drawn through Ro will however raise the minimum oper-
ating voltage of the Speech Circuit If this method is used
the decoupling capacitor must be increased to at least
100 mF to maintain good low frequency return loss (See
Figure 4 )
4 An electret type with a good power supply rejection ratio
can be powered from Va or a regulated and decoupled
supply dropped from Va
TONE DIALING TELEPHONE
Figure 4 shows the TP5700 directly interfacing to a low volt-
age DTMF generator VREG1 supplies the necessary 2V
minimum bias to enable the low voltage tone dialer to sense
key closures and pull its MUTE output high VREG1 then
switches to a 3V regulated output to sustain the Tone Dialer
during tone generation The TP5700A DTMF input incorpo-
rates the necessary load resistor to Vb and provides gain
plus AGC action to compensate for loop length A muted
tone level is heard in the receiver For DTMF generators
with a higher output level a resistive potentiometer should
TLH5201 – 8
FIGURE 4 Typical Tone Dialing Telephone
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com