Electronic Components Datasheet Search
  English  ▼

X  

NVAM Datasheet(PDF) 1 Page - Samtec, Inc

Part # NVAM
Description  EXTREME PERFORMANCE HIGH-DENSITY ARRAYS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

NVAM Datasheet(HTML) 1 Page - Samtec, Inc

  NVAM Datasheet HTML 1Page - Samtec, Inc NVAM Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
•
112 Gbps PAM4 per channel
•
112 fully shielded differential pairs per square inch
•
4.0 Tbps aggregate data rate - 9 IEEE, 400 G channels
•
Extremely low crosstalk to 40 GHz+
•
Incredibly tight impedance control
•
Minimal variance in data rate as stack height increases
•
40% less space vs traditional arrays with the same data throughout
KEY SPECIFICATIONS
FEATURES & BENEFITS
STACK
HEIGHTS
TOTAL PAIRS
INSULATOR
MATERIAL
CONTACT
MATERIAL
PLATING
CURRENT
RATING
WORKING
VOLTAGE
LEAD-FREE
SOLDERABLE
7 mm, 9 mm,
10 mm & 12 mm
Up to
32 pairs
Black LCP
Copper Alloy
Au or Sn over
50 µ" (1.27 µm) Ni
2.1 A per pin
(signal)
9.6 A per pin
(ground)
200 VAC
Yes
EXTREME PERFORMANCE
HIGH-DENSITY ARRAYS
(0.80 mm) .0315" x (1.80 mm) .071" PITCH
®
High-speed mezzanine
connector and cable in
one product family
BGA attach to board
for greater density and
optimized trace
breakout region
Guaranteed two points
of contact to ensure a
more reliable connection
Unless otherwise approved in writing by Samtec, all parts and components are designed and built according to Samtec’s specifications which are subject to change without notice.
F-221 (Rev 09MAR22)
samtec.com/NovaRay


Similar Part No. - NVAM

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NVA NIC-NVA Datasheet
101Kb / 4P
Surface Mount Varistor Array
logo
Lanner All Rights Reser...
NVA-3000 LANNER-NVA-3000 Datasheet
338Kb / 2P
Surveillance Platform Powered by the Intel짰 Atom짰 N4200/x7-E3950 (Codenamed Apollo Lake)
NVA-3000A LANNER-NVA-3000A Datasheet
338Kb / 2P
Surveillance Platform Powered by the Intel짰 Atom짰 N4200/x7-E3950 (Codenamed Apollo Lake)
NVA-3000B LANNER-NVA-3000B Datasheet
338Kb / 2P
Surveillance Platform Powered by the Intel짰 Atom짰 N4200/x7-E3950 (Codenamed Apollo Lake)
logo
NIC-Components Corp.
NVA0805VY-140C100TRF NIC-NVA0805VY-140C100TRF Datasheet
101Kb / 4P
Surface Mount Varistor Array
More results

Similar Description - NVAM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SL2364 ETC-SL2364 Datasheet
25Kb / 2P
VERY HIGH PERFORMANCE TRANSISTOR ARRAYS
SL2364C ETC1-SL2364C Datasheet
261Kb / 2P
VERY HIGH PERFORMANCE TRANSISTOR ARRAYS
logo
STMicroelectronics
STM32F103VET6 STMICROELECTRONICS-STM32F103VET6 Datasheet
1Mb / 130P
High-density performance line
19-Apr-2011
logo
saftbatteries
AA86A SAFT-AA86A Datasheet
265Kb / 2P
Extreme performance
logo
ATMEL Corporation
ATF1500ABV ATMEL-ATF1500ABV_14 Datasheet
466Kb / 18P
High-density, High-performance Electrically-erasable Complex
ATF1500AL ATMEL-ATF1500AL_14 Datasheet
610Kb / 19P
High-density, High-performance Electrically-erasable Complex
ATF1508ASV ATMEL-ATF1508ASV_14 Datasheet
600Kb / 28P
High-density, High-performance, Electrically-erasable
ATF1508ASVL ATMEL-ATF1508ASVL_14 Datasheet
600Kb / 28P
High-density, High-performance, Electrically-erasable
logo
Xilinx, Inc
DS003-1 XILINX-DS003-1 Datasheet
556Kb / 76P
Fast, high-density Field-Programmable Gate Arrays
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
High-density family of Field-Programmable Gate Arrays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com