Electronic Components Datasheet Search
  English  ▼

X  

RX71M Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # RX71M
Description  240-MHz 32-bit RX MCU, on-chip FPU, 480 DMIPS, up to 4-MB flash memory
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX71M Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button RX71M Datasheet HTML 20Page - Renesas Technology Corp RX71M Datasheet HTML 21Page - Renesas Technology Corp RX71M Datasheet HTML 22Page - Renesas Technology Corp RX71M Datasheet HTML 23Page - Renesas Technology Corp RX71M Datasheet HTML 24Page - Renesas Technology Corp RX71M Datasheet HTML 25Page - Renesas Technology Corp RX71M Datasheet HTML 26Page - Renesas Technology Corp RX71M Datasheet HTML 27Page - Renesas Technology Corp RX71M Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 164 page
background image
R01DS0249EJ0120 Rev.1.20
Page 24 of 164
Oct 20, 2022
RX71M Group
1. Overview
USB 2.0 host/function
module
VCC_USB, VCC_USBA
Input
Power supply pins
VSS_USB, VSS1_USBA,
VSS2_USBA
Input
Ground pins
AVCC_USBA
Input
USBA analog power supply pin
AVSS_USBA
Input
USBA analog ground pin. Short this pin with the PVSS_USBA
pin.
PVSS_USBA
Input
USBA PLL circuit ground pin. Short this pin with the
AVSS_USBA pin.
USBA_RREF
I/O
USBA reference current supply pin. Connect 2.2 k
Ω (±1%) to
the AVSS_USBA pin.
USB0_DP, USBA_DP
I/O
Input or output USB transceiver D+ data.
USB0_DM, USBA_DM
I/O
Input or output USB transceiver D- data.
USB0_EXICEN,
USBA_EXICEN
Output
Connect to the OTG power IC.
USB0_ID, USBA_ID
Input
Connect to the OTG power IC.
USB0_VBUSEN,
USBA_VBUSEN
Output
USB VBUS power enable pins
USB0_OVRCURA/
USB0_OVRCURB,
USBA_OVRCURA/
USBA_OVRCURB
Input
USB overcurrent pins
USB0_VBUS, USBA_VBUS
Input
USB cable connection/disconnection detection input pins
CAN module
CRX0, CRX1-DS, CRX2
Input
Input pins
CTX0 to CTX2
Output
Output pins
Serial peripheral interface
RSPCKA-A/RSPCKA-B/
RSPCKB-A/RSPCKB-B
I/O
Clock input/output pin
MOSIA-A/MOSIA-B/
MOSIB-A/MOSIB-B
I/O
Inputs or outputs data output from the master
MISOA-A/MISOA-B/
MISOB-A/MISOB-B
I/O
Inputs or outputs data output from the slave
SSLA0-A/SSLA0-B/
SSLB0-A/SSLB0-B
I/O
Input or output pin for slave selection
SSLA1-A/SSLA1-B/
SSLB1-A/SSLB1-B to
SSLA3-A/SSLA3-B/
SSLB3-A/SSLB3-B
Output
Output pin for slave selection
Quad serial peripheral
interface
QSPCLK-A/-B
Output
QSPI clock output pin
QSSL-A/-B
Output
QSPI slave output pin
QMO-A/-B, QIO0-A/-B
I/O
Master transmit data/data 0
QMI-A/-B, QIO1-A/-B
I/O
Master input data/data 1
QIO2-A/-B, QIO3-A/-B
I/O
Data 2, data 3
Serial sound interface
SSISCK0, SSISCK1
I/O
SSI serial bit clock pins
SSIWS0, SSIWS1
I/O
Word select pins
SSITXD0
Output
Serial data output pins
SSIRXD0
Input
Serial data input pins
SSIDATA1
I/O
Serial data input/output pins
AUDIO_MCLK
Input
Master clock pin for audio
Table 1.4
Pin Functions (6/8)
Classifications
Pin Name
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com