Electronic Components Datasheet Search
  English  ▼

X  

EM6604 Datasheet(PDF) 21 Page - EM Microelectronic - MARIN SA

Part # EM6604
Description  Ultra Low Power Multi I/O Microcontroller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6604 Datasheet(HTML) 21 Page - EM Microelectronic - MARIN SA

Back Button EM6604 Datasheet HTML 17Page - EM Microelectronic - MARIN SA EM6604 Datasheet HTML 18Page - EM Microelectronic - MARIN SA EM6604 Datasheet HTML 19Page - EM Microelectronic - MARIN SA EM6604 Datasheet HTML 20Page - EM Microelectronic - MARIN SA EM6604 Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM6604 Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM6604 Datasheet HTML 23Page - EM Microelectronic - MARIN SA EM6604 Datasheet HTML 24Page - EM Microelectronic - MARIN SA EM6604 Datasheet HTML 25Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
EM6604
03.02 REV. D/440
Copyright
 2002, EM Microelectronic-Marin SA
21
www.emmicroelectronic.com
Input static Pull-up/down (if selected) on PortA and PortC, Test, Reset
Vdd=1.5V, -20°C<T< +65°C, (unless otherwise specified)
Parameter
Conditions
Symb.
Min.
Typ.
Max.
Unit
Input static Pull-down
I/O ports A,C
I/O ports A,C
TEST
Reset
Input at VDD
30 kOhm option
150 kOhm option
Rin
Rin
Rin
Rin
12
60
8
50
30
150
20
100
60
300
50
250
kOhm
kOhm
kOhm
kOhm
Input static Pull-up
I/O ports A,C
I/O ports A,C
Input at VSS
30 kOhm option
150 kOhm option
Rin
Rin
12
60
30
150
60
300
kOhm
kOhm
15.6 Oscillator
1.2V<Vdd<1.7V, T= +25°C, (unless otherwise specified)
Parameter
Conditions
Symb.
Min.
Typ.
Max.
Unit
Temperature stability
15 - 35 °C
Df / f * DT
0.3
ppm/°C
Voltage stability
1.4 - 1.6 V
Df /f * DU
5
ppm/V
Input capacitor
Ref Vss
CQin
5.6
7
8.4
pF
Output capacitor
Ref Vss
CQout
12.0
14
15.9
pF
Start voltage
Tstart < 10 s
Ustart
1.2
V
Oscillator start time
tdosc
1
9
s
System start time
(oscillator+cold start+reset)
tdsys
2
10
s
CQin external (note4)
5.6
pF
Note4: Oscillator frequency can be trimmed with an external capacitance CQin between Qin and Vss
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com