Electronic Components Datasheet Search
  English  ▼

X  

LIS2DW12 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LIS2DW12
Description  NFC Dynamic Tag sensor node evaluation board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DW12 Datasheet(HTML) 1 Page - STMicroelectronics

  LIS2DW12 Datasheet HTML 1Page - STMicroelectronics LIS2DW12 Datasheet HTML 2Page - STMicroelectronics LIS2DW12 Datasheet HTML 3Page - STMicroelectronics LIS2DW12 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
•
ST25DV64K dynamic NFC tag solution based on 64K-bit (8K-Byte) EEPROM
and with I²C interface, Fast Transfer Mode and Energy Harvesting features
•
STM32L031K6 ultra-low-power ARM Cortex-M0+ MCU running at 32 MHz with
32-Kbytes Flash and 8-Kbytes RAM
•
LIS2DW12 ultra-low-power high-performance three-axis linear accelerometer
•
LPS22HB ultra-compact piezo-resistive absolute pressure sensor which
functions as a digital output barometer: 260-1260 hPa
•
HTS221 capacitive digital sensor for relative humidity and temperature
•
STLQ015 low drop linear regulator power management
•
CR2032 Battery powered (not included)
•
STM32Cube function pack (FP-SNS-SMARTAG1)
•
Android (Google Play) and iOS demo apps (ST SmarTag)
•
Suitable for the following applications:
–
Internet of Things
–
Supply Chain and Cold-Chain Management
–
Smart building, home and city
–
Retail and apparel
–
Smart packaging
–
Medical and pharmaceutical
–
Batteryless sensing
–
Smart agriculture (soil control, animal tracking, etc.)
Description
This smart and flexible NFC Tracker evaluation board with sensors includes a
comprehensive software library and a sample application to monitor and log sensor
data over NFC from an Android or iOS device.
The ultra-low power sensor node evaluation board mounts an ST25DV NFC Tag, an
STM32L0 ARM Cortex M0+, environment sensors (temperature, humidity and
pressure) and motion (accelerometer) sensor.
The evaluation board features NFC harvesting to supply power and a battery cradle
for a CR2032 battery.
Product summary table
STEVAL-SMARTAG1 NFC Dynamic Tag
sensor node evaluation board
ST25DV64K 64-Kbit dynamic NFC/RFID
tag NFC Forum type V with I2C interface,
fast transfer mode and energy harvesting
STM32L031K6 ultra-low-power ARM
Cortex-M0+ MCU with 32-Kbytes Flash,
32 MHz CPU
LIS2DW12 3-axis MEMS accelerometer,
ultra low power, configurable single/
double-tap recognition, free-fall, wakeup,
portrait/landscape, 6D/4D orientation
detections
LPS22HB ultra-compact piezoresistive
absolute pressure sensor, 260-1260 hPa,
digital output barometer, full-mold, holed
LGA package (HLGA)
HTS221 capacitive digital sensor for
relative humidity and temperature
STLQ015 150 mA - ultra low quiescent
current linear voltage regulator
NFC Dynamic Tag sensor node evaluation board
STEVAL-SMARTAG1
Data brief
DB3533 - Rev 3 - June 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - LIS2DW12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS2DW12 STMICROELECTRONICS-LIS2DW12 Datasheet
1Mb / 66P
MEMS digital output motion sensor: high-performance ultra-low-power 3-axis
Jul-2019
LIS2DW12 STMICROELECTRONICS-LIS2DW12 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
LIS2DW12TR STMICROELECTRONICS-LIS2DW12TR Datasheet
1Mb / 66P
MEMS digital output motion sensor: high-performance ultra-low-power 3-axis
Jul-2019
More results

Similar Description - LIS2DW12

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
NFC Forum Compliant Dynamic Tag
logo
STMicroelectronics
UM1793 STMICROELECTRONICS-UM1793 Datasheet
401Kb / 9P
Dynamic NFC tag expansion board based on M24SR for STM32 Nucleo
31-Oct-2014
M24SR02-Y STMICROELECTRONICS-M24SR02-Y Datasheet
1Mb / 90P
Dynamic NFC/RFID tag IC with 2-Kbit EEPROM, NFC Forum Type 4 Tag and I²C interface
February 2017 Rev 10
X-NUCLEO-NFC02A1 STMICROELECTRONICS-X-NUCLEO-NFC02A1 Datasheet
311Kb / 10P
Dynamic NFC tag IC expansion board based on M24LR04E for STM32 Nucleo
June 2016 Rev 4
logo
ams AG
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
NFC Forum Compliant Dynamic Tag
AS39513 AMSCO-AS39513 Datasheet
1Mb / 108P
NFC Sensor Tag and Data Logger IC
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
NFC Forum Compliant Dynamic Tag
2018-Nov-14
logo
STMicroelectronics
X-NUCLEO-NFC01A1 STMICROELECTRONICS-X-NUCLEO-NFC01A1 Datasheet
197Kb / 3P
Dynamic NFC tag expansion board based on M24SR for STM32 Nucleo
19-Jun-2014
STEVAL-SMARTAG2 STMICROELECTRONICS-STEVAL-SMARTAG2 Datasheet
1,023Kb / 11P
NFC dynamic tag sensor and processing node evaluation board
09-Nov-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com