Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-SMARTAG2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STEVAL-SMARTAG2
Description  NFC dynamic tag sensor and processing node evaluation board
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-SMARTAG2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STEVAL-SMARTAG2 Datasheet HTML 3Page - STMicroelectronics STEVAL-SMARTAG2 Datasheet HTML 4Page - STMicroelectronics STEVAL-SMARTAG2 Datasheet HTML 5Page - STMicroelectronics STEVAL-SMARTAG2 Datasheet HTML 6Page - STMicroelectronics STEVAL-SMARTAG2 Datasheet HTML 7Page - STMicroelectronics STEVAL-SMARTAG2 Datasheet HTML 8Page - STMicroelectronics STEVAL-SMARTAG2 Datasheet HTML 9Page - STMicroelectronics STEVAL-SMARTAG2 Datasheet HTML 10Page - STMicroelectronics STEVAL-SMARTAG2 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Figure 5. STEVAL-SMARTAG2 circuit schematic (5 of 6)
Linear
BATT_M(v) = BATT * 0.353
regulator (1.9 V)
1.2 V
LIR2032 Battery
GND
4.7u
BAT-HLD-001_FULL
GND
4.7M
GND
4.7u
GND
10u
n.m.
GND
GND
0
BAT54C
GND
0
STLQ020PU19R
+
P+1
S
-
P-
P+2
BATT
C5
R10
C24
C36
C33
R12
D1
VOUT
P1
P2
NC/ADJ
GND
EN
EXP*2
P4
NC
P5
VIN
P6
U10
R22
PAD3
PAD4
PAD5
PAD6
PAD8
GND
GND
GND
VDD
BATT
BATT
BATT
V_EH
OUT
OUT
I2C2_SCL
I2C2_SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com