Electronic Components Datasheet Search
  English  ▼

X  

EM6607WS11 Datasheet(PDF) 13 Page - EM Microelectronic - MARIN SA

Part # EM6607WS11
Description  Ultra-low power microcontroller with 4 high drive outputs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6607WS11 Datasheet(HTML) 13 Page - EM Microelectronic - MARIN SA

Back Button EM6607WS11 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6607WS11 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6607WS11 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6607WS11 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6607WS11 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM6607WS11 Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM6607WS11 Datasheet HTML 15Page - EM Microelectronic - MARIN SA EM6607WS11 Datasheet HTML 16Page - EM Microelectronic - MARIN SA EM6607WS11 Datasheet HTML 17Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
R
EM6607
Copyright © 2005, EM Microelectronic-Marin SA
13
www.emmicroelectronic.com
7
INPUT and OUTPUT ports
The EM6607 has five independent 4-bit ports, as shown in Table below
Table 11.
Input / Output Ports Overview
Port
Mode
Mask Options
Function(s)
PA(0:3)
Input
Pull-Up/Down
(*)Debouncer
(*) + or – IRQ edge
RESET combination
Input Interrupt
Software Test Variable
PA3 input for event counter
RESET input(s)
PB(0:3)
Individual input or output
(high Current)
Nch open drain output
Pull-Up/Down on input
Input or Output
PB0 for buzzer output in 24-pin version
High Current outputs
PC(0:3)
Port input or output
Pull-Up/Down
(*)+ or – IRQ edge
(*)Debouncer
Nch open drain output
Input or Output Port
Interrupt
PD(0:3)
Port input or Output
Pull-Up/Down on Input
Nch open drain output
Input or Output Port
PD0 -SWB serial clock output
PD1 -SWB serial data output
PE(0:3)
Individual input or output
Pull-Up/Down on Input
Nch open drain output
Input or Output Port
PE0 for buzzer output in 28-pin version
(*) Some options can be set also by Option register.
Table 12.
Option register - Option
Bit
Name
Reset
R/W
Description
3
IRQedgeR
0
R/W
Rising edge interrupt for portA&C
2
debPCN
0
R/W
PortC without/with debouncer
1
debPAN
0
R/W
PortA without/with debouncer
0
NoWD
0
R/W
WatchDog timer Off
IRQedgeR :
Valid for both PortA and PortC input interrupt edge. By default interrupt are active on a falling edge. When
set to 1 the rising edge is active.
debPAN :
By default (after a reset) debouncers are enabled on whole PortA. Writing 1 removes the debouncers from
the PortA.
debPCN :
By default debouncers are enabled on whole PortC. Writing 1 removes the debouncers from the PortC.
NoWD :
By default Watchdog timer is On (NoWD=0). Writing 1 removes the watchdog timer.
7.1
PortA
The EM6607 has one 4-bit general purpose input port. Each of the input port terminals PA3..PA0 has an internal pull-
Up/Down resistor, which can be selected with mask options. Port information is directly read from the pin into a register.
On inputs PA0, PA1, PA2 and PA3 debouncers for noise rejection are added by default. For interrupt generation, either
direct input and debounced input can be chosen. With the debPAN written to 0 in the Option register all the PortA inputs are
debounced and with the debPAN bit at 1 none of the PortA inputs are debounced. With the debouncer selected the input
must be stable for two rising edges of 1024Hz or 128Hz clocks (at 32kHz). This corresponds to a worst case of 1.95ms or
15.62msec. PortA terminals PA0, PA1 and PA2 are also used as input conditions for conditional software branches as
shown on the next page:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com