Electronic Components Datasheet Search
  English  ▼

X  

EM6621 Datasheet(PDF) 3 Page - EM Microelectronic - MARIN SA

Part # EM6621
Description  Ultra Low Power Microcontroller with 4x20 LCD Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6621 Datasheet(HTML) 3 Page - EM Microelectronic - MARIN SA

  EM6621 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6621 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6621 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6621 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6621 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6621 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6621 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6621 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6621 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 69 page
background image
EM6621
03/02 REV. D/444
Copyright
 2002, EM Microelectronic-Marin SA
3
www.emmicroelectronic.com
Table of Contents
FEATURES _________________________________ 1
DESCRIPTION _______________________________ 1
TYPICAL APPLICATIONS ______________________ 1
EM6621 AT A GLANCE ________________________ 2
1.
PIN DESCRIPTION FOR EM6621 ____________ 4
2.
OPERATING MODES______________________ 6
2.1
ACTIVE MODE _________________________ 6
2.2
STANDBY MODE ________________________ 6
2.3
SLEEP MODE __________________________ 6
3.
POWER SUPPLY _________________________ 7
4.
RESET _________________________________ 8
4.1
OSCILLATION DETECTION CIRCUIT ___________ 9
4.2
RESET TERMINAL _______________________ 9
4.3
INPUT PORT A RESET FUNCTION ____________ 9
4.4
DIGITAL WATCHDOG TIMER RESET _________ 10
4.5
CPU STATE AFTER RESET _______________ 10
5.
OSCILLATOR AND PRESCALER ___________ 11
5.1
OSCILLATOR _________________________ 11
5.2
PRESCALER__________________________ 11
6.
INPUT AND OUTPUT PORTS ______________ 13
6.1
PORTS OVERVIEW _____________________ 13
6.2
PORT A_____________________________ 14
6.2.1
IRQ on Port A ___________________ 14
6.2.2
Pull-up or Pull-down ______________ 15
6.2.3
Software Test Variables ___________ 15
6.2.4
Port A for 10-Bit Counter and MSC ___ 15
6.3
PORT A REGISTERS ____________________ 15
6.4
PORT B_____________________________ 17
6.4.1
Input / Output Mode_______________ 17
6.4.2
Pull-up or Pull-down ______________ 18
6.4.3
CMOS / NCH. Open Drain Output____ 18
6.4.4
PWM and Frequency Output________ 19
6.5
PORT B REGISTERS ____________________ 19
6.6
PORT SERIAL_________________________ 20
6.6.1
4-bit Parallel I/O _________________ 20
6.6.2
Pull-up or Pull-down ______________ 21
6.6.3
Nch. Open Drain Outputs __________ 22
6.6.4
General Functional Description______ 22
6.6.5
Detailed Functional Description _____ 23
6.6.6
Output Modes ___________________ 23
6.6.7
Reset and Sleep on Port SP ________ 24
6.7
SERIAL INTERFACE REGISTERS ____________ 25
7.
MELODY, BUZZER ______________________ 27
7.1
4-BIT TIMER _________________________ 27
7.1.1
Single Run Mode_________________ 28
7.1.2
Continuos Run Mode______________ 28
7.2
PROGRAMMING ORDER __________________ 29
7.3
MELODY REGISTERS____________________ 29
8.
10-BIT COUNTER _______________________ 31
8.1
FULL AND LIMITED BIT COUNTING___________ 31
8.2
FREQUENCY SELECT AND UP/DOWN COUNTING 32
8.3
EVENT COUNTING _____________________ 33
8.4
COMPARE FUNCTION ___________________ 33
8.5
PULSE WIDTH MODULATION (PWM) ________ 33
8.5.1
How the PWM Generator works._____ 34
8.5.2
PWM Characteristics______________ 34
8.6
COUNTER SETUP ______________________35
8.7
10-BIT COUNTER REGISTERS ______________35
9.
MILLISECOND COUNTER _________________37
9.1
PA[3] INPUT FOR MSC __________________37
9.2
IRQ FROM MSC _______________________37
9.3
MSC-MODES _________________________38
9.4
MODE SELECTION ______________________38
9.5
MILLISECOND COUNTER REGISTERS _________40
10.
INTERRUPT CONTROLLER ______________41
10.1
INTERRUPT CONTROL REGISTERS ___________42
11.
SUPPLY VOLTAGE LEVEL DETECTOR ____43
11.1
SVLD REGISTER ______________________43
12.
STROBE OUTPUT______________________44
12.1
STROBE REGISTER _____________________44
13.
RAM _________________________________45
14.
LCD DRIVER __________________________46
14.1
LCD CONTROL ________________________47
14.2
LCD ADDRESSING _____________________47
14.3
FREE SEGMENT ALLOCATION ______________48
14.4
LCD REGISTERS_______________________48
15.
PERIPHERAL MEMORY MAP ____________50
16.
OPTION REGISTER MEMORY MAP _______54
17.
ACTIVE SUPPLY CURRENT TEST ________55
18.
MASK OPTIONS _______________________56
18.1
INPUT / OUTPUT PORTS __________________56
18.1.1
Port A Metal Options ______________56
18.1.2
Port A Metal Options ______________56
18.1.3
Port B Metal Options ______________57
18.1.4
Port SP Metal Options _____________58
18.1.5
Voltage Regulator Option ___________59
18.1.6
Debouncer Frequency Option _______59
18.1.7
User defined LCD Segment Allocation 59
19.
TEMP. AND VOLTAGE BEHAVIORS _______60
19.1
IDD CURRENT (TYPICAL) _________________60
19.2
PULL-DOWN RESISTANCE (TYPICAL) _________60
19.3
PULL-UP RESISTANCE (TYPICAL)____________61
19.4
OUTPUT CURRENTS (TYPICAL) _____________61
20.
ELECTRICAL SPECIFICATION ___________62
20.1
ABSOLUTE MAXIMUM RATINGS _____________62
20.2
HANDLING PROCEDURES _________________62
20.3
STANDARD OPERATING CONDITIONS _________62
20.4
DC CHARACTERISTICS - POWER SUPPLY _____62
20.5
SUPPLY VOLTAGE LEVEL DETECTOR _________63
20.6
OSCILLATOR __________________________63
20.7
DC CHARACTERISTICS - I/O PINS ___________64
20.8
LCD SEG[20:1] OUTPUTS _______________65
20.9
LCD COM[4:1] OUTPUTS ________________65
20.10
DC OUTPUT COMPONENT ______________65
20.11
LCD VOLTAGE MULTIPLIER _____________65
21.
DIE, PAD LOCATION AND SIZE___________66
22.
PACKAGE & ORDERING INFORMATION ___67
22.1
ORDERING INFORMATION _________________68
22.2
PACKAGE MARKING _____________________68
22.3
CUSTOMER MARKING____________________68
23.
SPEC UPDATE ________________________69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com