Electronic Components Datasheet Search
  English  ▼

X  

SPM12565CT-R22M Datasheet(PDF) 2 Page - TDK Electronics

Part # SPM12565CT-R22M
Description  Inductors for power circuits Wound metal SPM series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SPM12565CT-R22M Datasheet(HTML) 2 Page - TDK Electronics

  SPM12565CT-R22M Datasheet HTML 1Page - TDK Electronics SPM12565CT-R22M Datasheet HTML 2Page - TDK Electronics SPM12565CT-R22M Datasheet HTML 3Page - TDK Electronics SPM12565CT-R22M Datasheet HTML 4Page - TDK Electronics SPM12565CT-R22M Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20220628
(2/5)
inductor_commercial_power_spm12565ct_en.fm
INDUCTORS
SPM12565CT type
L FREQUENCY CHARACTERISTICS
Measurement equipment
*
Equivalent measurement equipment may be used.
INDUCTANCE VS. DC BIAS CHARACTERISTICS
Measurement equipment
*
Equivalent measurement equipment may be used.
Product No.
Manufacturer
4294A
Keysight Technologies
Product No.
Manufacturer
4284A+42841A+42842C
Keysight Technologies
Frequency(MHz)
0.1
1
10
100
0
0.1
0.2
0.3
0.4
0.5
0.6
R22M
DCcurrent(A)
0
0
0.05
0.1
0.15
0.2
0.25
10
20
30
40
50
60
70
8090
100
R22M



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com