Electronic Components Datasheet Search
  English  ▼

X  

74F8960 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74F8960
Description  Octal latched bidirectional Futurebus transceivers 3-State open-collector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F8960 Datasheet(HTML) 1 Page - NXP Semiconductors

  74F8960 Datasheet HTML 1Page - NXP Semiconductors 74F8960 Datasheet HTML 2Page - NXP Semiconductors 74F8960 Datasheet HTML 3Page - NXP Semiconductors 74F8960 Datasheet HTML 4Page - NXP Semiconductors 74F8960 Datasheet HTML 5Page - NXP Semiconductors 74F8960 Datasheet HTML 6Page - NXP Semiconductors 74F8960 Datasheet HTML 7Page - NXP Semiconductors 74F8960 Datasheet HTML 8Page - NXP Semiconductors 74F8960 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Philips Semiconductors FAST Products
Product specification
74F8960/74F8961
Octal latched bidirectional Futurebus transceivers
(3-State + open-collector)
1
December 19, 1990
853-1120 01322
FEATURES
• Octal latched transceiver
• Drives heavily loaded backplanes with
equivalent load impedances down to 10
Ω
• High drive (100mA) open collector drivers
on B port
• Reduced voltage swing (1 volt) produces
less noise and reduces power consumption
• High speed operation enhances
performance of backplane buses and
facilitates incident wave switching
• Compatible with IEEE futurebus standards
• Built-in precision band-gap reference
provides accurate receiver thresholds and
improved noise immunity
• Controlled output ramp and multiple GND
pins minimize ground bounce
• Glitch-free power up/down operation
DESCRIPTION
The 74F8960 and 74F8961 are octal
bidirectional latched transceivers and are
intended to provide the electrical interface to
a high performance wired–OR bus. The B
port inverting drivers are low–capacitance
open collector with controlled ramp and are
designed to sink 100mA from 2 volts. The B
port inverting receivers have a 100 mV
threshold region and a 4ns glitch filter.
The B port interfaces to ‘Backplane
Transceiver Logic’ (BTL). BTL features a
reduced (1V to 2V) voltage swing for lower
power consumption and a series diode on
the drivers to reduce capacitive loading.
Incident switching is employed, therefore BTL
propagation delays are short. Although the
voltage swing is much less for BTL, so is its
receiver threshold region, therefore noise
margins are excellent.
BTL offers low power consumption, low
ground bounce, EMI and crosstalk, low
capacitive loading, superior noise margin and
low propagation delays. This results in a high
bandwidth, reliable backplane.
The 74F8960 and 74F8961 A ports have TTL
3–state drivers and TTL receivers with a latch
function. A separate High–level control input
(VX) is provided to limit the A side output
level to a given voltage level (such as 3.3V).
For 5.0V systems, VX is simply tied to VCC.
The 74F8961 is the non–inverting version of
74F8960.
TYPE
TYPICAL PROPAGATION DELAY
TYPICAL SUPPLY CURRENT( TOTAL)
74F8960
6.5ns
80mA
74F8961
6.5ns
80mA
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%, Tamb = 0°C to +70°C
28–pin plastic DIP (300 mil)1
N74F8960N, N748961N
28–pin PLCC1
N74F8960A, N74F8961A
NOTE: Thermal mounting techiques are recommended.
INPUT AND OUTPUT LOADING AND FAN OUT TABLE
PINS
DESCRIPTION
74F (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
A0 – A8
PNP latched inputs
3.5/0.117
70
µA/70µA
B0 – B8
Data inputs with threshold circuitry
5.0/0.167
100
µA/100µA
OEA
A output enable input (active high)
1.0/0.033
20
µA/20µA
OEB0, OEB1
B output enable inputs (active low)
1.0/0.033
20
µA/20µA
LE
Latch enable input (active low)
1.0/0.033
20
µA/20µA
A0 – A7
3–state outputs
150/40
3mA/24mA
B0 – B7
Open collector outputs
OC/166.7
OC/100mA
NOTES:
1. One (1.0) FAST unit load is defined as: 20
µA in the high state and 0.6mA in the low state.
2. OC = Open collector.


Similar Part No. - 74F8960

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F8962 PHILIPS-74F8962 Datasheet
97Kb / 10P
9-Bit latched bidirectional Futurebus transceivers open-collector
March 11, 1993
74F8963 PHILIPS-74F8963 Datasheet
97Kb / 10P
9-Bit latched bidirectional Futurebus transceivers open-collector
March 11, 1993
74F8965 PHILIPS-74F8965 Datasheet
119Kb / 11P
9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
74F8966 PHILIPS-74F8966 Datasheet
119Kb / 11P
9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
More results

Similar Description - 74F8960

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F777 PHILIPS-74F777 Datasheet
98Kb / 12P
Triple bidirectional latched bus transceiver 3-State open collector
1992 May 19
74F8962 PHILIPS-74F8962 Datasheet
97Kb / 10P
9-Bit latched bidirectional Futurebus transceivers open-collector
March 11, 1993
logo
Hitachi Semiconductor
HD74LVC245A HITACHI-HD74LVC245A Datasheet
51Kb / 9P
Octal Bidirectional Transceivers with 3-state Outputs
HD74LVCR2245A HITACHI-HD74LVCR2245A Datasheet
68Kb / 13P
Octal Bidirectional Transceivers with 3-state Outputs
HD74LVCZ245A HITACHI-HD74LVCZ245A Datasheet
58Kb / 11P
Octal Bidirectional Transceivers with 3-state Outputs
logo
Renesas Technology Corp
RD74LVC245B RENESAS-RD74LVC245B Datasheet
111Kb / 8P
Octal Bidirectional Transceivers with 3-state Outputs
HD74LVC245A RENESAS-HD74LVC245A Datasheet
191Kb / 7P
Octal Bidirectional Transceivers with 3-state Outputs
HD74LVCR2245A RENESAS-HD74LVCR2245A Datasheet
205Kb / 10P
Octal Bidirectional Transceivers with 3-state Outputs
HD74LVCZ245A RENESAS-HD74LVCZ245A Datasheet
105Kb / 9P
Octal Bidirectional Transceivers with 3-state Outputs
RD74LVC245B RENESAS-RD74LVC245B_15 Datasheet
133Kb / 10P
Octal Bidirectional Transceivers with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com