Electronic Components Datasheet Search
  English  ▼

X  

74F8963 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F8963
Description  9-Bit latched bidirectional Futurebus transceivers open-collector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F8963 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F8963 Datasheet HTML 1Page - NXP Semiconductors 74F8963 Datasheet HTML 2Page - NXP Semiconductors 74F8963 Datasheet HTML 3Page - NXP Semiconductors 74F8963 Datasheet HTML 4Page - NXP Semiconductors 74F8963 Datasheet HTML 5Page - NXP Semiconductors 74F8963 Datasheet HTML 6Page - NXP Semiconductors 74F8963 Datasheet HTML 7Page - NXP Semiconductors 74F8963 Datasheet HTML 8Page - NXP Semiconductors 74F8963 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors FAST Products
Product specification
74F8962/8963
9-Bit latched bidirectional Futurebus transceivers
(open-collector)
March 11, 1993
2
PIN CONFIGURATION FLATPACK AND PLCC
IEC/IEEE SYMBOL
74F8962
6
5
4
3
2
1
39
38
37
36
35
34
13
12
11
10
9
8
24
22
23
21
20
19
44
33
18
7
AO0
AI1
AO1
GND
AI0
VCC OEBA
AO7
AI7
GND
28
26
27
25
43
42
41
40
LEBA BO
GND
B1
32
31
30
29
17
16
15
14
AI2
AO2
A13
AO3
AI4
GND
AO4
AI5
AO5
AI6
AO6
AI8 AO8
VCC LEAB OEAB B8
GND
B7
GND
B2
GND
B3
GND
B4
GND
B5
GND
B6
GND
74F8962
42
EN1
EN2
EN3
EN4
1
24
25
43
44
40
38
36
34
32
30
28
26
2
3
4
5
7
8
9
10
11
13
14
15
16
17
19
20
21
22
2
4
3D
PIN DESCRIPTION
SYMBOL
PINS
TYPE
NAME AND FUNCTION
AI0 – AI8
2, 4, 7, 9, 11, 14, 16, 19, 21
Input
PNP latched inputs.
B0 – B8
42, 40, 38, 36, 34, 32, 30, 28, 26
I/O
Data input / open collector output, high current drives.
OEAB
25
Input
Output enable input. Enables the B outputs when low.
OEBA
44
Input
Output enable input. Enables the A outputs when high.
LEAB
24
Input
Latch enable input. Enables the AB latches low.
LEBA
43
Input
Latch enable input. Enables the BA latches low.
AO0 – AO8
3, 5, 8, 10, 13, 15, 17, 20, 22
Output
TTL 3–state outputs.
GND
6, 12, 18, 27, 29, 31, 33, 35, 37, 39, 41
Ground
Grounds
VCC
1, 23
Power
Positive supply voltages



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com