Electronic Components Datasheet Search
  English  ▼

X  

ICS950220 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS950220
Description  Programmable Timing Control Hub??for P4?
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950220 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS950220 Datasheet HTML 1Page - Integrated Circuit Systems ICS950220 Datasheet HTML 2Page - Integrated Circuit Systems ICS950220 Datasheet HTML 3Page - Integrated Circuit Systems ICS950220 Datasheet HTML 4Page - Integrated Circuit Systems ICS950220 Datasheet HTML 5Page - Integrated Circuit Systems ICS950220 Datasheet HTML 6Page - Integrated Circuit Systems ICS950220 Datasheet HTML 7Page - Integrated Circuit Systems ICS950220 Datasheet HTML 8Page - Integrated Circuit Systems ICS950220 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Integrated
Circuit
Systems, Inc.
ICS950220
0467F—07/28/05
Block Diagram
Pin Configuration
Recommended Application:
CK-408 clock for Intel
® 845 chipset.
Output Features:
•
3 - Pairs of differential CPU clocks @ 3.3V
•
3 - 3V66 @ 3.3V
•
9 - PCI @ 3.3V
•
2 - 48MHz @ 3.3V fixed
•
1 - 24_48MHz @ 3.3V, 48MHz, 24Mhz or 66MHz
•
1 - REF @ 3.3V, 14.318MHz
Features/Benefits:
•
Programmable output frequency.
•
Programmable output divider ratios.
•
Programmable output rise/fall time.
•
Programmable output skew.
•
Programmable spread percentage for EMI control.
•
Watchdog timer technology to reset system
if system malfunctions.
•
Programmable watch dog safe frequency.
•
Support I
2C Index read/write and block read/write
operations.
•
Uses external 14.318MHz crystal.
Key Specifications:
•
CPU Output Jitter <150ps
•
3V66 Output Jitter <250ps
•
CPU Output Skew <100ps
Programmable Timing Control Hub™ for P4™
1. These outputs have 2X drive strength.
* Internal Pull-up resistor of 120K to VDD
** these inputs have 120K internal pull-down
to GND
48-Pin 300-mil SSOP
Power Groups
VDDA = Analog Core PLL
VDDREF = REF, Xtal
AVDD48 = 48MHz
4
S
F3
S
F2
S
F1
S
F0
S
F
K
L
C
U
P
C
z
H
M
6
6
V
3
z
H
M
K
L
C
I
C
P
z
H
M
000
0
1
0
0
.
0
0
17
6
.
6
63
3
.
3
3
10
0
0
1
3
3
.
3
3
17
6
.
6
63
3
.
3
3
111
1
0
7
6
.
6
67
6
.
6
64
3
.
3
3
111
1
1
0
0
.
0
0
27
6
.
6
63
3
.
3
3
Frequency Table
For additional frequency selections please refer to Byte 0.
PLL2
PLL1
Spread
Spectrum
48MHz_USB
PCICLK (6:0)
48MHz_DOT
3V66_0/24_48MHZ#
X1
X2
XTAL
OSC
CPU
DIVDER
PCI
DIVDER
WDEN
SEL24_48
MULTSEL0
SDATA
SCLK
Vtt_PWRGD#
PD#
FS (4:0)
I REF
Control
Logic
Config.
Reg.
REF
3
7
3
3V66 (3:1)
3V66
/2
DIVDER
3
CPUCLKT (2:0)
CPUCLKC (2:0)
Reset#
VDDREF
X1
X2
GND
*FS0/PCICLK7
**FS1/PCICLK8
VDDPCI
GND
*WDEN/PCICLK0
PCICLK1
PCICLK2
PCICLK3
VDDPCI
GND
PCICLK4
PCICLK5
PCICLK6
VDD3V66
GND
3V66_1
3V66_2
3V66_3
#RESET
VDDA
1
1
1
REF/FS2**
CPUCLKT0
CPUCLKC0
VDDCPU
CPUCLKT1
CPUCLKC1
GND
VDDCPU
CPUCLKT2
CPUCLKC2
MULTISEL0*
I REF
GND
48MHz_USB/FS3**
48MHz_DOT/SEL_24_48*
AVDD48
GND
3V66_0/24_48MHZ#/FS4**
VDD3V66
GND
SCLK
SDATA
Vtt_PWRGD/PD#*
GND
1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25


Similar Part No. - ICS950220

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS950220 RENESAS-ICS950220 Datasheet
425Kb / 21P
Programmable Timing Control Hub™ for P4™
03/02/07
logo
Integrated Circuit Solu...
ICS950220AFLFT ICSI-ICS950220AFLFT Datasheet
238Kb / 20P
Programmable Timing Control Hub??for P4?
logo
Renesas Technology Corp
ICS950220YFLFT RENESAS-ICS950220YFLFT Datasheet
425Kb / 21P
Programmable Timing Control Hub™ for P4™
03/02/07
More results

Similar Description - ICS950220

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950201 ICST-ICS950201 Datasheet
206Kb / 16P
Programmable Timing Control Hub??for P4?
ICS950905 ICST-ICS950905 Datasheet
206Kb / 18P
Programmable Timing Control Hub??for P4?
ICS950910 ICST-ICS950910 Datasheet
183Kb / 20P
Programmable Timing Control Hub for P4
ICS950908 ICST-ICS950908 Datasheet
279Kb / 22P
Programmable Timing Control Hub??for P4?
ICS950902 ICST-ICS950902 Datasheet
184Kb / 20P
Programmable Timing Control Hub??for P4?
ICS950703 ICST-ICS950703 Datasheet
158Kb / 24P
PROGRAMMABLE TIMING CONTROL HUB FOR P4
ICS950208 ICST-ICS950208 Datasheet
133Kb / 19P
Programmable Timing Control Hub for P4
ICS950211 ICST-ICS950211 Datasheet
183Kb / 21P
Programmable Timing Control Hub for P4
logo
Integrated Device Techn...
ICS950910 IDT-ICS950910 Datasheet
218Kb / 21P
Programmable Timing Control Hub??for P4?
logo
Integrated Circuit Solu...
ICS950220AFLFT ICSI-ICS950220AFLFT Datasheet
238Kb / 20P
Programmable Timing Control Hub??for P4?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com