Electronic Components Datasheet Search
  English  ▼

X  

FD4L006RF Datasheet(PDF) 1 Page - Belden Inc.

Part # FD4L006RF
Description  Indoor/Outdoor Riser Loose Tube OM4 6F Unitized Gel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

FD4L006RF Datasheet(HTML) 1 Page - Belden Inc.

  FD4L006RF Datasheet HTML 1Page - Belden Inc. FD4L006RF Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: FD4L006RF
Indoor/Outdoor Riser Loose Tube OM4 6F Unitized Gel
Product Description
Indoor/Outdoor Loose Tube OM4 6 Fibers OFNR Sub-Units(6F) Gel Black
Technical Specifications
Product Overview
Suitable Applications:
Campus Area Network, Backbone
Fiber Specifications
Fiber Type:
OM4
Fiber Core Diameter:
50/125 µm
Fiber Diameter:
250 µm
Fiber Count:
6
Fiber Color Coding:
TIA-598-D
Cable Construction
Number of Active Subunits:
1
Number of Fillers:
4
Fibers Per Subunit:
6
Subunit Waterblocking:
Gel Filled
Subunit Diameter:
0.110 in (2.8 mm)
Subunit Color:
TIA-598-D
Subunit Strength Members:
Waterblocking aramid yarns
Central Strength Member:
GRP
Core Wrap:
Waterblocking tape
Cable Core Waterblocking:
Waterblock Tape
Inner Jacket Specifications
Material:
PVC - Polyvinyl Chloride
Color:
Black
Number of Ripcords:
2
Outer Jacket Specifications
Strength Member:
Waterblocking Aramid Yarns
Jacket Material:
PVC - Polyvinyl Chloride
Nom. Diameter:
0.454 in (11.5 mm)
Number of Ripcords:
2
Optical Characteristics
Wavelength
850 nm
1300 nm
Max. Attenuation
3.0 dB/km
1.0 dB/km
1 Gigabit Ethernet Performance
1,100 m
550 m
10 Gigabit Ethernet Performance
550 m
-


Similar Part No. - FD4L006RF

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
FD4L012RG BELDEN-FD4L012RG Datasheet
141Kb / 2P
Indoor/Outdoor Riser Loose Tube OM4 12F Unitized (12F) Gel
11-09-2022
FD4L024PD BELDEN-FD4L024PD Datasheet
140Kb / 2P
Indoor/Outdoor Plenum Loose Tube OM4 24F Unitized
11-09-2022
FD4L036PD BELDEN-FD4L036PD Datasheet
141Kb / 2P
Indoor/Outdoor Plenum Loose Tube OM4 36F Unitized
11-09-2022
FD4L048PD BELDEN-FD4L048PD Datasheet
144Kb / 2P
Indoor/Outdoor Plenum Loose Tube OM4 48 Fibers Dry Block
11-09-2022
FD4L072PD BELDEN-FD4L072PD Datasheet
143Kb / 2P
Indoor/Outdoor Plenum Loose Tube OM4 72 Fibers Dry Block
11-09-2022
More results

Similar Description - FD4L006RF

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
FD1L006RC BELDEN-FD1L006RC Datasheet
143Kb / 2P
Indoor/Outdoor Riser Loose Tube OM1 6F Unitized
11-09-2022
FD2L006RC BELDEN-FD2L006RC Datasheet
143Kb / 2P
Indoor/Outdoor Riser Loose Tube OM2 6F Unitized
11-09-2022
FD3L006RC BELDEN-FD3L006RC Datasheet
142Kb / 2P
Indoor/Outdoor Riser Loose Tube OM3 6F Unitized
11-09-2022
FD4L012RG BELDEN-FD4L012RG Datasheet
141Kb / 2P
Indoor/Outdoor Riser Loose Tube OM4 12F Unitized (12F) Gel
11-09-2022
FD4L144RG BELDEN-FD4L144RG Datasheet
140Kb / 2P
Indoor/Outdoor Riser Loose Tube OM4 144F Unitized Gel
11-09-2022
FDELH11RC BELDEN-FDELH11RC Datasheet
137Kb / 2P
Indoor/Outdoor Riser Hybrid Loose Tube OS2/OM4 12F/12F Unitized
11-09-2022
FDSL006RC BELDEN-FDSL006RC Datasheet
142Kb / 2P
Indoor/Outdoor Riser Loose Tube OS2 6F Unitized
11-09-2022
FDSL012RF BELDEN-FDSL012RF Datasheet
142Kb / 2P
Indoor/Outdoor Riser Loose Tube OS2 12F Unitized Gel
11-09-2022
FDSL024RF BELDEN-FDSL024RF Datasheet
142Kb / 2P
Indoor/Outdoor Riser Loose Tube OS2 24F Unitized Gel
11-09-2022
FDSL036RF BELDEN-FDSL036RF Datasheet
141Kb / 2P
Indoor/Outdoor Riser Loose Tube OS2 36F Unitized Gel
11-09-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com