Electronic Components Datasheet Search
  English  ▼

X  

STF10NK50Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF10NK50Z
Description  N-channel 500 V, 0.55 Ω, 9 A Zener-protected SuperMESH™ Power MOSFET in TO-220FP package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF10NK50Z Datasheet(HTML) 1 Page - STMicroelectronics

  STF10NK50Z Datasheet HTML 1Page - STMicroelectronics STF10NK50Z Datasheet HTML 2Page - STMicroelectronics STF10NK50Z Datasheet HTML 3Page - STMicroelectronics STF10NK50Z Datasheet HTML 4Page - STMicroelectronics STF10NK50Z Datasheet HTML 5Page - STMicroelectronics STF10NK50Z Datasheet HTML 6Page - STMicroelectronics STF10NK50Z Datasheet HTML 7Page - STMicroelectronics STF10NK50Z Datasheet HTML 8Page - STMicroelectronics STF10NK50Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
March 2012
Doc ID 022992 Rev 1
1/13
13
STF10NK50Z
N-channel 500 V, 0.55
Ω, 9 A Zener-protected SuperMESH™
Power MOSFET in TO-220FP package
Datasheet — production data
Features
■ Extremely high dv/dt capability
■ 100% avalanche tested
■ Gate charge minimized
■ Very low intrinsic capacitance
Applications
■ Switching application
Description
This device is an N-channel Zener-protected
Power MOSFET developed using
STMicroelectronics’ SuperMESH™ technology,
achieved through optimization of ST’s well
established strip-based PowerMESH™ layout. In
addition to a significant reduction in on-
resistance, this device is designed to ensure a
high level of dv/dt capability for the most
demanding applications.
Figure 1.
Internal schematic diagram
Order code
VDSS RDS(on) max
ID
PTOT
STF10NK50Z
500 V
< 0.7
Ω
9 A
30 W
TO-220FP
1
2
3
D(2)
G(1)
S(3)
AM01476v1
Table 1.
Device summary
Order code
Marking
Package
Packaging
STF10NK50Z
F10NK50Z
TO-220FP
Tube
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STF10NK50Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF10NK50Z STMICROELECTRONICS-STF10NK50Z Datasheet
505Kb / 12P
N-CHANNEL 500V - 0.55??- 9A TO-220 / TO-220FP Zener-Protected SuperMESH MOSFET
08-Sep-2005
More results

Similar Description - STF10NK50Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP10NK50Z STMICROELECTRONICS-STP10NK50Z Datasheet
505Kb / 12P
N-CHANNEL 500V - 0.55??- 9A TO-220 / TO-220FP Zener-Protected SuperMESH MOSFET
08-Sep-2005
STW29NK50Z STMICROELECTRONICS-STW29NK50Z Datasheet
487Kb / 10P
N-CHANNEL 500 V - 0.105ohm - 31A TO-247 Zener-Protected SuperMESH MOSFET
2004-Oct-19
STD4LNK60Z STMICROELECTRONICS-STD4LNK60Z Datasheet
200Kb / 11P
N-channel 600 V, 2.2 Ω, 3.3 A, TO-220FP, DPAK Zener-protected SuperMESH??Power MOSFET
24-Jul-2008
STB20NK50Z STMICROELECTRONICS-STB20NK50Z_09 Datasheet
613Kb / 18P
N-channel 500 V, 0.23 Ω, 17 A SuperMESH™Power MOSFET Zener-protected TO-220, TO-247, TO-220FP, D2PAK
26-Nov-2009
STF8N80K5 STMICROELECTRONICS-STF8N80K5 Datasheet
1Mb / 15P
N-channel 800 V, 0.8 typ., 6 A Zener-protected SuperMESH 5 Power MOSFET in TO-220FP
27-Mar-2013
STFI20NK50Z STMICROELECTRONICS-STFI20NK50Z Datasheet
531Kb / 13P
N-channel 500 V, 0.23 Ω, 17 A Zener-protected SuperMESH™ Power MOSFET in I²PAKFP package
20-Mar-2012
STB12NK80Z STMICROELECTRONICS-STB12NK80Z_V01 Datasheet
695Kb / 22P
N-channel 800 V, 0.65Ω typ., 10.5 A Zener-protected SuperMESH™ Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
28-Aug-2012
STF10NK60Z STMICROELECTRONICS-STF10NK60Z Datasheet
275Kb / 13P
N-channel 600 V, 0.65 Ω, 10 A, SuperMESH™ Power MOSFET Zener-protected TO-220FP narrow leads
04-Nov-2009
STF12N50U STMICROELECTRONICS-STF12N50U Datasheet
571Kb / 12P
N-channel 500 V, 0.55 Ω, 10 A TO-220FP Ultrafast MESH™ Power MOSFET
15-Mar-2010
STP10NK80Z STMICROELECTRONICS-STP10NK80Z_V01 Datasheet
444Kb / 17P
N-channel 800 V, 0.78 Ω, 9 A Zener-protected SuperMESH™ Power MOSFETs in TO-220, TO-220FP and TO-247 packages
15-Mar-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com