Electronic Components Datasheet Search
  English  ▼

X  

STGP20NC60V Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGP20NC60V
Description  30 A - 600 V - very fast IGBT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP20NC60V Datasheet(HTML) 4 Page - STMicroelectronics

  STGP20NC60V Datasheet HTML 1Page - STMicroelectronics STGP20NC60V Datasheet HTML 2Page - STMicroelectronics STGP20NC60V Datasheet HTML 3Page - STMicroelectronics STGP20NC60V Datasheet HTML 4Page - STMicroelectronics STGP20NC60V Datasheet HTML 5Page - STMicroelectronics STGP20NC60V Datasheet HTML 6Page - STMicroelectronics STGP20NC60V Datasheet HTML 7Page - STMicroelectronics STGP20NC60V Datasheet HTML 8Page - STMicroelectronics STGP20NC60V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Electrical characteristics
STGB20NC60V, STGP20NC60V, STGW20NC60V
4/20
DocID9982 Rev 6
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 4. Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)CES
Collector-emitter
breakdown voltage
(VGE = 0)
IC = 1 mA
600
V
VCE(sat)
Collector-emitter saturation
voltage
VGE=15 V, IC= 20 A
VGE=15 V, IC= 20 A,TC= 125 °C
1.8
1.7
2.5
V
V
VGE(th)
Gate threshold voltage
VCE= VGE, IC= 250 µA
3.75
5.75
V
ICES
Collector-emitter cut-off
current (VGE = 0)
VCE = 600 V
VCE = 600 V, Tc=125 °C
10
1
µA
mA
IGES
Gate-emitter cut-off
current (VCE = 0)
VGE = ±20 V
± 100
nA
gfs
(1)
1.
Pulse duration = 300 µs, duty cycle 1.5%
Forward transconductance
VCE = 15 V, IC= 20 A
15
S
Table 5. Dynamic electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Cies
Input capacitance
VCE = 25 V, f = 1 MHz,
VGE=0
-2200
-
pF
Coes
Output capacitance
-
225
-
pF
Cres
Reverse transfer
capacitance
-50
-
pF
Qg
Total gate charge
VCE = 390 V, IC = 20 A,
VGE = 15 V,
(see Figure 17)
-100
-
nC
Qge
Gate-emitter charge
-
16
-
nC
Qgc
Gate-collector charge
-
45
-
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com