Electronic Components Datasheet Search
  English  ▼

X  

M4S3HAW Datasheet(PDF) 1 Page - DB Lectro Inc

Part # M4S3HAW
Description  DIL Pitch Terminals High Sensitivity Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

M4S3HAW Datasheet(HTML) 1 Page - DB Lectro Inc

  M4S3HAW Datasheet HTML 1Page - DB Lectro Inc M4S3HAW Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
DIL Pitch Terminals .High Sensitivity
g
Conforms to FCC Part 68 1.5kV Surge and Dielectric 1000VAC
g
Fully sealed (immersion cleaning).
High Reliability bifurcated Contact.
Application for Telecommunication Equipment
fOffice Equipmentf Security Alarm Systemsf Measuring instrumentsf
Medical Monitoring Equipment
fAudio Visual Equipmentf Flight SimulatorfSensor Controlg
Ordering Information
M4S
12
H
A
W
1
2
3
4
5
1 Part Mumber:M4
3 Enclosure:H: Sealed Type
2 Coil Rated Voltage:DC:3:3V;5:5V;6:6V;9:9V;
4 Nominal Coil Power:Nil:0.15W;A:0.2W;
12:12V;18:18V;24:24V;48:48V
5 Contact Material:Nil: Ag Ru;W: Ag Ni
Contact Data
Contact Arrangement
2C
DPDT(B-M)
Bifurcated Crossbar
Contact Material
Ag Ru( Gold clad
>) Ag Ni(Gold clad
Contact Rating (resistive)
2A/30VDC; 0.6A/125VAC
Max. Switching Power
60W
125VA
Min. Switching load 0.01mA/10mV
Reference Value
Max. Switching Voltage
220VDC
250VAC
Max. Switching Current:2A
Contact
Resistance
or
Voltage drop
100m
Item 3.12 of IEC255-7
Electrical
3
y105
AgNi
1
y105
Item 3.30 of IEC255-7
Operation
life
Mechanical
10
8
Item 3.31 of IEC255-7
CAUTION:
Relays previously tested or used above 10mA resistive at 6VDC maximum or peak AC open circuit are not
recommended for subsequent use in low level applications.
Coil Parameter
Coil voltage
VDC
Dash
Numbers
Rated
Max.
Coil
resistance
±10%
Pick up voltage
VDC(max)
(70% or 66%of rated
voltage )
release voltage
VDC(min)
(5% or 10% of
rated voltage)
Coil
power
W
Operate
Time
ms
Release
Time
ms
M4S-003
3
7.5
60
2.1
0.15
0.15
M4S-005
5
12.5
167
3.5
0.25
0.15
M4S-006
6
15.0
240
4.2
0.3
0.15
M4S-009
9
22.5
540
6.3
0.45
0.15
M4S-012
12
30.0
960
8.4
0.6
0.15
M4S-018
18
40.0
1620
12.6
0.9
0.20
M4S-024
24
52.9
2880
16.8
1.2
0.20
M4S-048
48
84.9
7680
33.6
2.4
0.30
5
3
M4S-003A
3
6.5
45
2.1
0.3
0.2
M4S-005A
5
10.8
125
3.5
0.5
0.2
M4S-006A
6
13.0
180
4.2
0.6
0.2
M4S-009A
9
19.5
405
6.3
0.9
0.2
M4S-012A
12
26.5
720
8.4
1.2
0.2
M4S-024A
24
52.9
2880
16.8
2.4
0.2
M4S-048A
48
103.9
11520
33.6
4.8
0.2
5
3
CAUTION
:
1 The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay
33
E158859
M4S
20.0
×9.8×12.0
www.dblectro.com


Similar Part No. - M4S3HAW

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
M4S32 WINCHESTER-M4S32 Datasheet
109Kb / 1P
COMPOSITE OUTLINE ASSY
logo
XP Power Limited
M4S3S3ME4 XPPOWER-M4S3S3ME4 Datasheet
437Kb / 10P
AC-DC Power Supplies
M4S3T6ME4 XPPOWER-M4S3T6ME4 Datasheet
437Kb / 10P
AC-DC Power Supplies
M4S3U6ME4 XPPOWER-M4S3U6ME4 Datasheet
437Kb / 10P
AC-DC Power Supplies
More results

Similar Description - M4S3HAW

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
M1B DBLECTRO-M1B Datasheet
146Kb / 2P
DIL Pitch Terminals High Sensitivity Relay
M1BS DBLECTRO-M1BS Datasheet
143Kb / 2P
DIL Pitch Terminals High Sensitivity Relay
logo
Meder Electronic
DIL05-1A66-11D MEDER-DIL05-1A66-11D Datasheet
117Kb / 2P
DIL Reed Relay
DIL05-2A66-21M MEDER-DIL05-2A66-21M_11 Datasheet
83Kb / 2P
DIL Reed Relay
DIL05-2A66-21R MEDER-DIL05-2A66-21R Datasheet
63Kb / 1P
DIL Reed Relay
DIL05-3A66-30L MEDER-DIL05-3A66-30L Datasheet
101Kb / 1P
DIL Reed Relay
DIL12-2C90-63L MEDER-DIL12-2C90-63L Datasheet
136Kb / 1P
DIL Reed Relay
logo
HuaXinAn Electronics CO...
M1B HUAXINAN-M1B Datasheet
358Kb / 1P
DIL Pitch Terminals .High Sensitivity
M4 HUAXINAN-M4 Datasheet
365Kb / 1P
DIL Pitch Terminals .High Sensitivity
M4S HUAXINAN-M4S Datasheet
357Kb / 1P
DIL Pitch Terminals .High Sensitivity
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com