Electronic Components Datasheet Search
  English  ▼

X  

FXPS7550DI4S Datasheet(PDF) 21 Page - NXP Semiconductors

Part # FXPS7550DI4S
Description  Digital absolute pressure sensor, 20 kPa to 550 kPa
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7550DI4S Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button FXPS7550DI4S Datasheet HTML 17Page - NXP Semiconductors FXPS7550DI4S Datasheet HTML 18Page - NXP Semiconductors FXPS7550DI4S Datasheet HTML 19Page - NXP Semiconductors FXPS7550DI4S Datasheet HTML 20Page - NXP Semiconductors FXPS7550DI4S Datasheet HTML 21Page - NXP Semiconductors FXPS7550DI4S Datasheet HTML 22Page - NXP Semiconductors FXPS7550DI4S Datasheet HTML 23Page - NXP Semiconductors FXPS7550DI4S Datasheet HTML 24Page - NXP Semiconductors FXPS7550DI4S Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
NXP Semiconductors
FXPS7550D4S
Digital absolute pressure sensor, 20 kPa to 550 kPa
Bit field
Definition
C[0], [3:1]
Register Read Command = '0110'
ST[1:0]
Status
RD[15:8]
The contents of the register addressed by RA[7:1] high byte (RA[0] = 1)
RD[7:0]
The contents of the register addressed by RA[7:1] low byte (RA[0] = 0)
CRC[7:0]
8-bit CRC
Table 16. Register read response message bit field descriptions
7.5.3.2 Register write command
The device supports a register write command. The register write command writes the
value specified in RD[7:0] to the register addressed by RA[7:0].
The response to a register write command is shown in Section 7.5.3.2.2 "Register write
response message format". The register write is executed and a response is transmitted
on the next SPI message if and only if all of the following conditions are met:
• No SPI error is detected (see Section 7.5.5.3 "SPI error")
• No MISO error is detected (see Section 7.5.5.4 "SPI data output verification error")
• The ENDINIT bit is cleared.
– This applies to all registers except for the RESET[1:0] bits in the DEVLOCK_WR
register
• No invalid register request is detected as described below.
If these conditions are met, the register write is executed and the device responds to the
register write request as shown in Section 7.5.3.2.2 "Register write response message
format". Otherwise, no register is written and the device responds with the error response
as defined in Section 7.5.2 "SPI response format". The register is not written until the
transfer during which the register write was requested has been completed.
A register write command to a read-only register is not executable, but results in a valid
response.
7.5.3.2.1 Register write command message format
MSB: bit 31; LSB: bit 0
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17
16
15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
Register access command
Command
C[3:0]
Fixed bits:
must = 0h
Register address
Register data
8-bit CRC
1
0
0
0
0
0
0
0
RA[7:1]
RA[0]
RD[7:0]
CRC[7:0]
Table 17. Register write command message format
Bit field
Definition
C[3:0]
Register write command = '1000'
RA[7:0]
RA[7:1] contains the byte address of the register to be written
RD[7:0]
RD[7:0] contains the data byte to be written to address RA[7:0]
CRC[7:0]
8-bit CRC
Table 18. Register write command message bit field descriptions
FXPS7550D4S
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Objective data sheet
Rev. 1 — 9 August 2022
21 / 73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com