Electronic Components Datasheet Search
  English  ▼

X  

74HC03 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HC03
Description  Quad 2-input NAND gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC03 Datasheet(HTML) 7 Page - NXP Semiconductors

  74HC03 Datasheet HTML 1Page - NXP Semiconductors 74HC03 Datasheet HTML 2Page - NXP Semiconductors 74HC03 Datasheet HTML 3Page - NXP Semiconductors 74HC03 Datasheet HTML 4Page - NXP Semiconductors 74HC03 Datasheet HTML 5Page - NXP Semiconductors 74HC03 Datasheet HTML 6Page - NXP Semiconductors 74HC03 Datasheet HTML 7Page - NXP Semiconductors 74HC03 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
December 1990
7
Philips Semiconductors
Product specification
Quad 2-input NAND gate
74HC/HCT03
AC WAVEFORMS
Fig.6
Waveforms showing the input (nA, nB) to output (nY) propagation delays and the output transition times.
HC: VM = 50%; VI = GND to VCC
HCT: VM = 1.3 V; VI = GND to 3 V.
TEST CIRCUIT AND WAVEFORMS
Fig.7 Test circuit (open drain)
Fig.8 Input pulse definitions.
Definitions for Figs. 7, 8:
CL
= load capacitance including jig and probe
capacitance
(see AC CHARACTERISTICS for values).
RT
= termination resistance should be equal to the
output impedance ZO of the pulse generator.
tr
=tf = 6 ns; when measuring fmax, there is no
constraint on tr, tf with 50% duty factor.
FAMILY AMPLITUDE
VM
tr;tf
fmax;
PULSE
WIDTH
OTHER
74HC
VCC
50%
< 2 ns
6 ns
74HCT
3.0 V
1.3 V
< 2 ns
6 ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com