Electronic Components Datasheet Search
  English  ▼

X  

CPE-243 Datasheet(PDF) 2 Page - CUI Devices

Part # CPE-243
Description  AUDIO KIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CPE-243 Datasheet(HTML) 2 Page - CUI Devices

  CPE-243 Datasheet HTML 1Page - CUI Devices CPE-243 Datasheet HTML 2Page - CUI Devices CPE-243 Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CUI DEVICES | MODEL: CSK-AUDIO-001 | DESCRIPTION: AUDIO KIT
date 10/26/2022 | page 2 of 3
cuidevices.com
IP RATING
IP RATING CHART
IP LEVEL
First Digit:
Ingress of solid objects
Second Digit:
Ingress of liquids
0
No protection
No protection
1
Protected against solid objects over 50 mm e.g.
hands, large tools.
Protected against vertically falling drops of water or
condensation.
2
Protected against solid objects over 12.5 mm e.g.
hands, large tools.
Protected against falling drops of water, if the case
is disposed up to 15º from vertical.
3
Protected against solid objects over 2.5 mm e.g.
wire, small tools.
Protected against sprays of water from any
direction, even if the case is disposed up to 60º from
vertical.
4
Protected against solid objects over 1.0 mm e.g.
wires.
Protected against splash water from any direction.
5
Limted protection against dust ingress. (no harmful
deposit)
Protected against low pressure water jets from any
direction. Limited ingress permittied.
6
Totally protected against dust ingress.
Protected against high pressure water jets from any
direction. Limited ingress permitted.
7
N/A
Protected against short periods of immersion in
water.
8
N/A
Protected against long, durable periods of
immersion in water.
9k
N/A
Protected against close-range high pressure, high
temperature spray downs.
Additional Resources: Product Page



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com