Electronic Components Datasheet Search
  English  ▼

X  

2SC5800 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # 2SC5800
Description  NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5800 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button 2SC5800 Datasheet HTML 13Page - Renesas Technology Corp 2SC5800 Datasheet HTML 14Page - Renesas Technology Corp 2SC5800 Datasheet HTML 15Page - Renesas Technology Corp 2SC5800 Datasheet HTML 16Page - Renesas Technology Corp 2SC5800 Datasheet HTML 17Page - Renesas Technology Corp 2SC5800 Datasheet HTML 18Page - Renesas Technology Corp 2SC5800 Datasheet HTML 19Page - Renesas Technology Corp 2SC5800 Datasheet HTML 20Page - Renesas Technology Corp 2SC5800 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet P15660EJ1V0DS
17
2SC5800
VCE = 2 V, IC = 5 mA, ZO = 50
Ω
Frequency
S11
S21
S12
S22
K
MAG/MSG
(GHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
(dB)
(deg.)
(deg.)
(deg.)
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
5.0
0.798
0.707
0.652
0.608
0.586
0.574
0.568
0.563
0.562
0.566
0.567
0.571
0.574
0.576
0.582
0.587
0.594
0.601
0.606
0.613
0.622
0.628
0.639
0.644
0.652
0.656
0.664
0.671
0.670
0.678
0.736
0.781
−43.2
−78.7
−103.3
−121.0
−133.6
−143.5
−151.6
−158.0
−163.3
−167.8
−172.2
−175.7
−179.1
177.8
175.1
172.0
169.5
166.7
164.5
161.8
159.6
157.7
155.8
154.1
152.3
150.6
149.4
148.0
146.5
145.3
130.6
120.2
14.194
11.604
9.221
7.443
6.193
5.297
4.608
4.066
3.656
3.316
3.043
2.817
2.617
2.443
2.299
2.176
2.059
1.956
1.865
1.782
1.700
1.637
1.573
1.506
1.450
1.389
1.345
1.296
1.266
1.225
0.926
0.732
152.6
130.3
116.4
106.6
99.2
93.5
88.4
84.0
80.1
76.6
73.2
70.0
66.9
64.0
61.2
58.3
55.8
52.9
50.5
47.5
45.1
43.0
40.8
38.6
36.6
34.2
32.5
30.5
28.4
27.1
12.1
4.5
0.034
0.052
0.062
0.068
0.071
0.075
0.078
0.081
0.085
0.089
0.093
0.098
0.104
0.111
0.118
0.125
0.133
0.142
0.151
0.161
0.171
0.182
0.192
0.204
0.216
0.227
0.239
0.252
0.263
0.276
0.403
0.484
71.0
54.0
46.9
43.2
42.8
43.4
44.7
46.7
49.1
51.5
54.0
56.2
58.4
60.4
62.4
63.9
65.3
66.4
67.2
68.1
68.5
68.8
68.8
68.6
68.2
67.9
67.4
66.9
66.2
65.4
52.9
39.8
0.901
0.738
0.609
0.519
0.459
0.418
0.388
0.366
0.348
0.334
0.323
0.313
0.305
0.298
0.292
0.288
0.283
0.281
0.279
0.278
0.279
0.280
0.283
0.288
0.294
0.302
0.310
0.318
0.324
0.332
0.436
0.571
−20.4
−33.2
−39.9
−43.1
−44.9
−46.3
−47.5
−48.8
−50.4
−52.2
−54.4
−56.9
−59.7
−62.7
−66.1
−69.8
−73.9
−78.1
−82.8
−87.5
−92.5
−97.7
−103.0
−108.3
−113.4
−118.4
−122.9
−127.4
−131.9
−136.4
−177.3
153.1
0.100
0.260
0.367
0.490
0.600
0.698
0.786
0.870
0.938
0.987
1.029
1.057
1.075
1.090
1.088
1.080
1.068
1.054
1.041
1.020
0.996
0.978
0.953
0.940
0.918
0.909
0.888
0.872
0.868
0.854
0.803
0.840
26.18
23.51
21.74
20.41
19.39
18.51
17.72
16.99
16.35
15.72
14.09
13.11
12.32
11.61
11.09
10.67
10.29
9.97
9.68
9.59
9.97
9.54
9.13
8.69
8.28
7.86
7.50
7.12
6.82
6.47
3.61
1.80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com