Electronic Components Datasheet Search
  English  ▼

X  

W764M32VESSB Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # W764M32VESSB
Description  64Mx32 Flash Multi-Chip Package 3.0V Page Mode Flash Memory
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W764M32VESSB Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  W764M32VESSB Datasheet HTML 1Page - White Electronic Designs Corporation W764M32VESSB Datasheet HTML 2Page - White Electronic Designs Corporation W764M32VESSB Datasheet HTML 3Page - White Electronic Designs Corporation W764M32VESSB Datasheet HTML 4Page - White Electronic Designs Corporation W764M32VESSB Datasheet HTML 5Page - White Electronic Designs Corporation W764M32VESSB Datasheet HTML 6Page - White Electronic Designs Corporation W764M32VESSB Datasheet HTML 7Page - White Electronic Designs Corporation W764M32VESSB Datasheet HTML 8Page - White Electronic Designs Corporation W764M32VESSB Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W764M32V-XSBX
March 2006
Rev. 2
ADVANCED*
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
64Mx32 Flash Multi-Chip Package
3.0V Page Mode Flash Memory
Single power supply operation
• 3 volt read, erase, and program operations
I/O Control
• All input levels (address, control, and DQ input
levels) and outputs are determined by voltage on
VIO input. VIO range is 1.65 to VCC
Secured Silicon Sector region
• 128-word/256-byte sector for permanent, secure
identification through an 8-word/16-byte random
Electronic Serial Number, accessible through a
command sequence
• May be programmed and locked at the factory or
by the customer
Flexible sector architecture
• Five hundred twelve 64 Kword (128 Kbyte) sectors
• Two hundred fifty-six 64 Kword (128 Kbyte)
sectors
• One hundred twenty-eight 64 Kword (128 Kbyte)
sectors
Compatibility with JEDEC standard
• Provides software compatibility for single-power
supply flash, and superior inadvertent write
protection
100,000 erase cycles per sector typical
20-year data retention typical
PERFORMANCE CHARACTERISTICS
High Performance
• 100, 120 ns
• 8-word/16-byte page read buffer
• 25 ns page read times
• 16-word/32-byte write buffer reduces overall
programming time for multiple-word updates
Package option
• 107 BGA, 14mm x 17mm
• 1.0mm pitch
Software features
• Program Suspend and Resume: read other
sectors before programming operation is
completed
• Erase Suspend and Resume: read/program other
sectors before an erase operation is completed
• Data# polling and toggle bits provide status
• Unlock Bypass Program command reduces overall
multiple-word programming time
• CFI (Common Flash Interface) compliant: allows
host system to identify and accommodate multiple
flash devices
Hardware features
• Advanced Sector Protection
• WP#/ACC input accelerates programming
time (when high voltage is applied) for greater
throughput during system production. Protects
first or last sector regardless of sector protection
settings
• Hardware reset input (RESET#) resets device
• Ready/Busy# output (RY/BY#) detects program or
erase cycle completion
* This product is under development, is not qualified or characterized and is subject to
change or cancellation without notice.
FEATURES


Similar Part No. - W764M32VESSB

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
W766 LUMINIS-W766 Datasheet
196Kb / 4P
Post top mount
W767 LUMINIS-W767 Datasheet
971Kb / 4P
Inner white enamel reflector.
W768 LUMINIS-W768 Datasheet
187Kb / 4P
Post top mount
W769 LUMINIS-W769 Datasheet
596Kb / 4P
Inner white enamel reflector.
logo
Yealink Inc.
W76P YEALINK-W76P Datasheet
500Kb / 3P
High-performance DECT IP phone system with user-centric design
More results

Similar Description - W764M32VESSB

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TH50VSF3680 TOSHIBA-TH50VSF3680 Datasheet
585Kb / 55P
SRAM AND FLASH MEMORY MIXED MULTI-CHIP PACKAGE
TH50VSF2580AASB TOSHIBA-TH50VSF2580AASB Datasheet
546Kb / 50P
SRAM AND FLASH MEMORY MIXED MULTI-CHIP PACKAGE
logo
SPANSION
AM41DL3208G SPANSION-AM41DL3208G Datasheet
1Mb / 65P
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
fujitsu semiconductor
MB84VD23381FJ FUJITSU-MB84VD23381FJ Datasheet
827Kb / 54P
Stacked MCP (Multi-Chip Package) FLASH MEMORY & FCRAM
MBM29XL12DF FUJITSU-MBM29XL12DF Datasheet
1Mb / 91P
PAGE MODE FLASH MEMORY CMOS 128M BIT
logo
Advanced Micro Devices
DS42553 AMD-DS42553 Datasheet
955Kb / 58P
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Toshiba Semiconductor
TH50VSF2582 TOSHIBA-TH50VSF2582 Datasheet
548Kb / 50P
SRAM AND FLASH MEMORY MIXED MULTI-CHIP PACKAGE
25-Oct-2001
logo
White Electronic Design...
W78M32V-XBX WEDC-W78M32V-XBX Datasheet
735Kb / 54P
8Mx32 Flash 3.3V Page Mode Simultaneous Read/Write Operation Multi-Chip Package
logo
SPANSION
AM42DL6404G SPANSION-AM42DL6404G Datasheet
1,020Kb / 61P
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
MB84SF6H6H6L2-70 SPANSION-MB84SF6H6H6L2-70 Datasheet
2Mb / 100P
3 Stacked MCP (Multi-Chip Package) FLASH & FLASH & FCRAM 128M (X16) Burst FLASH MEMORY & 128M (X16) Page/Burst Mobile FCRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com