Electronic Components Datasheet Search
  English  ▼

X  

74HC03D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74HC03D
Description  Quad 2-input NAND gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC03D Datasheet(HTML) 4 Page - NXP Semiconductors

  74HC03D Datasheet HTML 1Page - NXP Semiconductors 74HC03D Datasheet HTML 2Page - NXP Semiconductors 74HC03D Datasheet HTML 3Page - NXP Semiconductors 74HC03D Datasheet HTML 4Page - NXP Semiconductors 74HC03D Datasheet HTML 5Page - NXP Semiconductors 74HC03D Datasheet HTML 6Page - NXP Semiconductors 74HC03D Datasheet HTML 7Page - NXP Semiconductors 74HC03D Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
December 1990
4
Philips Semiconductors
Product specification
Quad 2-input NAND gate
74HC/HCT03
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
Voltages are referenced to GND (ground = 0 V)
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
CONDITIONS
VCC
DC supply voltage
−0.5
+7
V
VO
DC output voltage
−0.5
+7
V
IIK
DC input diode current
20
mA
for VI <−0.5 V or VI > VCC + 0.5 V
−IOK
DC output diode current
20
mA
for VO <−0.5 V
−I
O
DC output sink current
25
mA
for
− 0.5 V < VO
±ICC;
±IGND
DC VCC or GND current
50
mA
Tstg
storage temperature range
−65
+150
°C
Ptot
power dissipation per package
for temperature range;
−40 to +125 °C
74HC/HCT
plastic DIL
750
mW
above +70
°C: derate linearly with 12 mW/K
plastic mini-pack (SO)
500
mW
above +70
°C: derate linearly with 8 mW/K



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com